Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 45 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 45 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 41Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 42Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 43Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 44Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 45Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 46Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 47Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 48Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 49Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
SLDM-06D1Ax
45
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
MECHANICAL DIMENSIONS (continued)
Recommended Pad Layout
PIN CONNECTIONS
Dimensions are in millimeters and (inches).
Tolerances: x.x mm  0.5 mm (x.xx in.  0.02 in.) [unless otherwise indicated]
x.xx mm  0.25 mm (x.xxx in  0.010 in.)
Note: This module is recommended and compatible with Pb-Free Reflow Soldering and must be soldered using a reflow profile with a
peak temperature of no more than 260 ºC for less than 5 seconds.
PIN
FUNCTION
1
ON/OFF
2
VIN
3
SEQ
4
GND
5
TRIM
6
VOUT
7
VS+
8
VS-
9
PG
10
SYNC2
11
CLK
12
DATA
13
SMBALERT
14
SIG_GND
15
ADDR1
16
ADDR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com