Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 46 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 46 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 41Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 42Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 43Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 44Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 45Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 46Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 47Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 48Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 49Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
46
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
59. PACKAGING DETAILS
The SLDM-06D1Ax modules are supplied in tape & reel as standard.
All Dimensions are in millimeters and (in inches).
Reel Dimensions:
Outside Dimensions:
330.2 mm (13.00)
Inside Dimensions:
177.8 mm (7.00”)
Tape Width:
44.00 mm (1.732”)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com