Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 27 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 27 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 25Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 26Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 27Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 28Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 29Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 30Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 31Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
SLDM-06D1Ax
27
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
44. OUTPUT VOLTAGE MARGINING USING THE PMBUS
The module can also have its output voltage margined via PMBus commands. The command VOUT_MARGIN_HIGH sets the margin high
voltage, while the command VOUT_MARGIN_LOW sets the margin low voltage. Both the VOUT_MARGIN_HIGH and VOUT_MARGIN_LOW
commands use the “Linear” mode with the exponent fixed at –10 (decimal). Two bytes are used for the mantissa with the upper bit [7] of the high
byte fixed at 0. The actual margined output voltage is a combination of the VOUT_MARGIN_HIGH or VOUT_MARGIN_LOW and the
VOUT_TRIM values as shown below:
Note that the sum of the margin and trim voltages cannot be outside the ±25% window around the nominal output voltage. The data associated
with VOUT_MARGIN_HIGH and VOUT_MARGIN_LOW can be stored to non-volatile memory using the STORE_DEFAULT_ALL command.
The module is commanded to go to the margined high or low voltages using the OPERATION command. Bits [5:2] are used to enable margining
as follows:
00XX : Margin Off
0101 : Margin Low (Ignore Fault)
0110 : Margin Low (Act on Fault)
1001 : Margin High (Ignore Fault)
1010 : Margin High (Act on Fault)
45. PMBUS ADJUSTABLE OVERCURRENT WARNING
The SLDM-06D1Ax module can provide an overcurrent warning via the PMBus. The threshold for the overcurrent warning can be set using the
parameter IOUT_OC_WARN_LIMIT. This command uses the “Linear” data format with a two byte data word where the upper five bits [7:3] of the
high byte represent the exponent and the remaining three bits of the high byte [2:0] and the eight bits in the low byte represent the mantissa. The
exponent is fixed at –1 (decimal). The upper six bits of the mantissa are fixed at 0 while the lower five bits are programmable with a default value
of 7A. The resolution of this warning limit is 500mA. The value of the IOUT_OC_WARN_LIMIT can be stored to non-volatile memory using the
STORE_DEFAULT_ALL command.
46. TEMPERATURE STATUS VIA PMBUS
The SLDM-06D1Ax module can provide information related to temperature of the module through the STATUS_TEMPERATURE command. The
command returns information about whether the pre-set over temperature fault threshold and/or the warning threshold have been exceeded.
10
)
(
2
)
_
_
_
(
TRIM
VOUT
HIGH
MARGIN
VOUT
V
MH
OUT
10
)
(
2
)
_
_
_
(
TRIM
VOUT
LOW
MARGIN
VOUT
V
ML
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com