Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 31 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 31 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 27Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 28Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 29Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 30Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 31Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 32Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 33Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 34Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 35Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
SLDM-06D1Ax
31
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
54. READING THE STATUS OF THE MODULE USING THE PMBUS
The SLDM-06D1Ax module supports a number of status information commands implemented in PMBus. However, not all features are supported
in these commands. A 1 in the bit position indicates the fault that is flagged.
STATUS_BYTE : Returns one byte of information with a summary of the most critical device faults.
Bit Position
Flag
Default Value
7
X
0
6
OFF
0
5
VOUT Overvoltage
0
4
IOUT Overcurrent
0
3
VIN Undervoltage
0
2
Temperature
0
1
CML (Comm. Memory Fault)
0
0
None of the above
0
STATUS_WORD : Returns two bytes of information with a summary of the module’s fault/warning conditions.
Low Byte
Bit Position
Flag
Default Value
7
X
0
6
OFF
0
5
VOUT Overvoltage
0
4
IOUT Overcurrent
0
3
VIN Undervoltage
0
2
Temperature
0
1
CML (Comm. Memory Fault)
0
0
None of the above
0
High Byte
Bit Position
Flag
Default Value
7
VOUT fault or warning
0
6
IOUT fault or warning
0
5
X
0
4
X
0
3
POWER_GOOD# (is negated)
0
2
X
0
1
X
0
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com