Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 9Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
SLDM-06D1Ax
tech.support@psbel.com
belpowersolutions.com
6. DIGITAL INTERFACE SPECIFICATIONS
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
PMBus Signal Interface Characteristics
Input High Voltage (CLK, DATA)
2.1
-
3.6
V
Input Low Voltage (CLK, DATA)
-
-
0.8
V
Input high level current (CLK, DATA)
-10
-
10
uA
Input low level current (CLK, DATA)
-10
-
10
uA
Output Low Voltage
(CLK, DATA, SMBALERT#)
I
out =2mA
-
-
0.4
V
Output high level open drain leakage
current (DATA, SMBALERT#)
Vout =3.6V
0
-
10
uA
Pin capacitance
-
0.7
-
pF
PMBus Operating frequency range
10
-
400
kHZ
Data setup time
250
-
-
ns
Data hold time
Receive Mode
Transmit Mode
0
300
-
-
ns
Measurement System Characteristics
Read delay time
153
192
231
us
Output current measurement range
0
-
9
A
Output current measurement resolution
62.5
-
-
mA
Output current measurement gain
accuracy
-
-
±5
%
Output current measurement offset
-
-
0.1
A
VOUT measurement range
0
-
5.5
V
VOUT measurement resolution
-
15.625
-
mA
VOUT measurement gain accuracy
-15
-
15
%
VOUT measurement offset
-3
-
3
%
VIN measurement range
3
-
14.4
V
VIN measurement resolution
-
32.5
-
mV
VIN measurement gain accuracy
-15
-
15
%
VIN measurement offset
-5.5
-
1.4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com