Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 5 Page - Bel Fuse Inc.

  SLDM-06D1AX Datasheet HTML 1Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
SLDM-06D1Ax
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
5. GENERAL SPECIFICATIONS
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Efficiency
Vo=0.6V
Vo=1.2V
Vo=1.8V
Vo=2.5V
Vo=3.3V
Vo=5.0V
Vin= 12Vdc, Ta=25°C
Io=Io, max , Vo= Vo,set
-
72.6
82.5
86.1
88.0
89.4
91.5
-
%
Switching Frequency
-
800
-
kHz
Synchronization Frequency Range
760
800
840
kHz
High-Level Input Voltage
2.0
-
-
V
Low-Level Input Voltage
-
-
0.4
V
Input Current, SYNC
-
-
100
nA
Minimum Pulse Width, SYNC
100
-
-
ns
Maximum SYNC rise time
100
-
-
ns
Over Temperature Protection
-
130
-
℃
PMBus Over Temperature Warning
Threshold
-
120
-
℃
PMBus Adjustable Input Under Voltage
Lockout Thresholds
2.5
-
14
V
Resolution of Adjustable Input Under
Voltage Threshold
-
-
500
mV
Input Undervoltage Lockout
Turn-on Threshold
Turn-off Threshold
Hysteresis
2.475
-
3.025
V
2.25
-
2.75
V
-
0.25
-
V
Tracking Accuracy
Power-Up: 2V/ms
Power-Down: 2V/ms
Vin, min to Vin, max; Io, min to Io, max,
Vseq < Vo
-
-
-
-
100
100
mV
mV
PGOOD (Power Good)
Overvoltage threshold for PGOOD ON
Overvoltage threshold for PGOOD OFF
Undervoltage threshold for PGOOD ON
Undervoltage threshold for PGOOD OFF
Pulldown resistance of PGOOD pin
Sink current capability into PGOOD pin
Signal Interface Open Drain, Vsupply 
5Vdc
-
108
-
%Vo,set
-
110
-
%Vo,set
-
92
-
%Vo,set
-
90
-
%Vo,set
-
-
50
Ω
-
-
5
mA
Weight
-
1.186
-
g
MTBF
Calculated MTBF (IO=0.8IO, max,
TA=40°C) Telecordia Issue 2 Method 1
Case 3
77,807,049
hours
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
0.8 x 0.45 x 0.11
20.32 x 11.43 x 2.8
Inches
Millimeters
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com