Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SLDM-06D1AX Datasheet HTML 1Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
SLDM-06D1Ax
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
1.
MODEL SELECTION
MODEL
NUMBER
OUTPUT
VOLTAGE
INPUT
VOLTAGE
MAX. OUTPUT
CURRENT
MAX. OUTPUT
POWER
TYPICAL EFFICIENCY
SLDM-06D1A0
0.45-5.5 VDC
3-14.4 VDC
6A
33 W
91.5%
SLDM-06D1AL
0.45-5.5 VDC
3-14.4 VDC
6A
33 W
91.5%
NOTE: 1. Add “R” suffix at the end of the model number to indicate tape and reel packaging (Standard).
2. Add “G” suffix at the end of the model number to indicate tray packaging (Option).
S
LDM
-
06
D
1A
x
Y
Mounting Type
RoHS
Status
Output
Current
Wide input
voltage range
Output
Voltage
Enable
Package Type
Surface mount
Series
code
6 A
3-14.4V
With
sequencing
L – active Low
0 –active High
G – Tray package
R –tape and reel packaging
2. ABSOLUTE MAXIMUM RATINGS
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
Continuous non-operating Input Voltage
-0.3
-
15
V
Voltage on SEQ SYNC VS+
-
-
7
V
Voltage on CLK DATA SMBALERT
terminal
-
-
3.6
V
Ambient temperature
See Thermal Considerations section
-40
-
105
C
Storage Temperature
-55
-
125
C
Altitude
-
-
2000
m
NOTE:
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
3. INPUT SPECIFICATIONS
All specifications are typical at 25°C unless otherwise stated.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Operating Input Voltage
3
-
14.4
V
Input Current (full load)
VIN=3V to 14V, IO=IO, max
-
-
6
A
Input Current (no load)
Vo=0.6V
Vo=5V
VIN = 12Vdc, IO = 0, module enabled
-
-
31.3
178.7
-
-
mA
mA
Input Stand-by Current
VIN = 12.0Vdc, module disabled
-
11
-
mA
Input Reflected Ripple Current (pk-pk)
5Hz to 20MHz, 1μH source impedance; VIN =0
to 14V, IO= IOmax
2. See Test Configurations
-
37.6
-
mA
I2t Inrush Current Transient
-
-
1
A2s
Input Ripple Rejection (120Hz)
-
-55
-
dB
CAUTION: This converter is not internally fused. An input line fuse must be used in application.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an integrated part of
sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included; however, to achieve maximum safety and
system protection, always use an input line fuse. The safety agencies require a fast-acting fuse with a maximum rating of 6A. Based on the
information provided in this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be used.
Refer to the fuse manufacturer’s data sheet for further information.
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
PART NUMBER EXPLANATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com