Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 23 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 23 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 25Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 26Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 27Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
SLDM-06D1Ax
23
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
38. PMBUS INTERFACE CAPABILITY
The SLDM-06D1Ax power modules have a PMBus interface that supports both communication and control. The PMBus Power Management
Protocol Specification can be obtained from www.pmbus.org.The modules support a subset of version 1.1 of the specification (see Table 6 for a
list of the specific commands supported). Most module parameters can be programmed using PMBus and stored as defaults for later use.
All communication over the module PMBus interface must support the Packet Error Checking (PEC) scheme. The PMBus master must generate
the correct PEC byte for all transactions, and check the PEC byte returned by the module.
The module also supports the SMBALERT# response protocol whereby the module can alert the bus master if it wants to talk. For more
information on the SMBus alert response protocol, see the System Management Bus (SMBus) specification.
The module has non-volatile memory that is used to store configuration settings. Not all settings programmed into the device are automatically
saved into this non-volatile memory, only those specifically identified as capable of being stored can be saved (see Table 6 for which command
parameters can be saved to non-volatile storage).
39. PMBUS DATA FORMAT
For commands that set thresholds, voltages or report such quantities, the module supports the “Linear” data format among the three data formats
supported by PMBus. The Linear Data Format is a two byte value with an 11-bit, two’s complement mantissa and a 5-bit, two’s complement
exponent. The format of the two data bytes is shown below:
Data Byte High
7 6 5 4 3
2 1 0 7 6 5 4 3 2 1 0
Data Byte Low
Exponent
MSB
Mantissa
MSB
The value is of the number is then given by
Value = Mantissa x 2 Exponent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com