Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 29 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 29 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 25Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 26Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 27Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 28Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 29Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 30Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 31Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 32Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 33Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
SLDM-06D1Ax
29
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
49. POWER GOOD
The SLDM-06D1Ax module provides a Power Good (PGOOD) signal that is implemented with an open-drain output to indicate that the output
voltage is within the regulation limits of the power module. The PGOOD signal will be de-asserted to a low state if any condition such as
overtemperature, overcurrent or loss of regulation occurs that would result in the output voltage going outside the specified thresholds. The
PGOOD thresholds are user selectable via the PMBus (the default values are as shown in the Feature Specifications Section). Each threshold is
set up symmetrically above and below the nominal value. The POWER_GOOD_ON command sets the output voltage level above which PGOOD
is asserted (lower threshold). For example, with a 1.2V nominal output voltage, the POWER_GOOD_ON threshold can set the lower threshold to
1.14 or 1.1V. Doing this will automatically set the upper thresholds to 1.26 or 1.3V.
The POWER_GOOD_OFF command sets the level below which the PGOOD command is de-asserted. This command also sets two thresholds
symmetrically placed around the nominal output voltage. Normally, the POWER_GOOD_ON threshold is set higher than the
POWER_GOOD_OFF threshold.
Both POWER_GOOD_ON and POWER_GOOD_OFF commands use the “Linear” format with the exponent fixed at –10 (decimal). The two
thresholds are given by
Both commands use two data bytes with bit [7] of the high byte fixed at 0, while the remaining bits are r/w and used to set the mantissa using
two’s complement representation. Both commands also use the VOUT_SCALE_LOOP parameter so it must be set correctly. The default value of
POWER_GOOD_ON is set at 1.1035V and that of the POWER_GOOD_OFF is set at 1.08V. The values associated with these commands can
be stored in non-volatile memory using the STORE_DEFAULT_ALL command.
The PGOOD terminal can be connected through a pullup resistor(suggested value 100 K) to a source of 5VDC or lower.
50. MEASURREMENT OF OUTPUT CURRENT, OUTPUT VOLTAGE AND INPUT VOLTAGE
The SLDM-06D1Ax module is capable of measuring key module parameters such as output current and voltage and input voltage and providing
this information through the PMBus interface. Roughly every 200μs, the module makes 16 measurements each of output current, voltage and
input voltage. Average values of of these 16 measurements are then calculated and placed in the appropriate registers. The values in the
registers can then be read using the PMBus interface.
10
)
_
(
10
)
_
(
2
)
_
_
(
2
)
_
_
(
OFF
GOOD
POWER
V
ON
GOOD
POWER
V
OFF
PGOOD
OUT
ON
PGOOD
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com