Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SLDM-06D1AX Datasheet HTML 1Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
SLDM-06D1Ax
Non-Isolated DC-DC Converter
belpowersolutions.com
The SLDM-06D1Ax power modules are non-isolated dc-dc
converters that can deliver up to 6 A of output current. These
modules operate over a wide range of input voltage (VIN = 3 Vdc-
14.4 Vdc) and provide a precisely regulated output voltage from 0.45
Vdc to 5.5 Vdc, programmable via an external resistor and PMBus
control.
Features include a digital interface using the PMBus protocol,
remote On/Off, adjustable output voltage, over current and over
temperature protection in the controller. The PMBus interface
supports a range of commands to both control and monitor the
module.
The module also includes the Tunable LoopTM feature that allows the
user to optimize the dynamic response of the converter to match the
load with reduced amount of output capacitance leading to savings
on cost and PWB area.
Key Features & Benefits
3-14.4 VDC Input / 0.45-5.5 VDC @ 6 A Output
Non-Isolated
DOSA
approved footprint
Power Good Signal
Remote On/Off
Digital interface through the PMBusTM protocol
Ability to Sink and Source Current
Output Over Current Protection (non-latching)
Over Temperature Protection
Small size: 20.32 mm x 11.43 mm x 2.8 mm (Max) (0.8 in x 0.45
in x 0.11 in)
Ultra low height design for very dense power applications.
Output voltage programmable from 0.6Vdc to 5.5Vdc via external
resistor.
Digitally adjustable down to 0.45Vdc
Digital interface through the PMBusTM protocol
Flexible output voltage sequencing EZ-SEQUENCE
Fixed switching frequency with capability of external
synchronization
Tunable LoopTM to optimize dynamic output voltage response


Similar Part No. - SLDM-06D1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLDM-12D1AX BEL-SLDM-12D1AX Datasheet
4Mb / 50P
Non-Isolated DC-DC Converter
More results

Similar Description - SLDM-06D1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
NON-ISOLATED DC/DC CONVERTER
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
NON-ISOLATED DC/DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
non-isolated dc-dc converter
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
NON ISOLATED DC-DC CONVERTER
M57184N-515AF ISAHAYA-M57184N-515AF Datasheet
263Kb / 5P
NON-ISOLATED DC-DC CONVERTER
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
NON-ISOLATED DC-DC CONVERTER
M57184N-715BF ISAHAYA-M57184N-715BF Datasheet
269Kb / 5P
NON-ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
NON ISOLATED DC-DC CONVERTER
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
Non-Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com