Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-06D1AX Datasheet(PDF) 33 Page - Bel Fuse Inc.

Part # SLDM-06D1AX
Description  Non-Isolated DC-DC Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-06D1AX Datasheet(HTML) 33 Page - Bel Fuse Inc.

Back Button SLDM-06D1AX Datasheet HTML 29Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 30Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 31Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 32Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 33Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 34Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 35Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 36Page - Bel Fuse Inc. SLDM-06D1AX Datasheet HTML 37Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
SLDM-06D1Ax
33
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
READING THE STATUS OF THE MODULE USING THE PMBUS(CONTINIUED)
MFR_VIN_MIN : Returns minimum input voltage as two data bytes of information in Linear format (upper five bits are exponent – fixed at -2, and lower 11
bits are mantissa in two’s complement format – fixed at 12)
MFR_VOUT_MIN : Returns minimum output voltage as two data bytes of information in Linear format (upper five bits are exponent – fixed at -10, and
lower 11 bits are mantissa in two’s complement format – fixed at 614)
MFR_SPECIFIC_00 : Returns information related to the type of module and revision number. Bits [7:2] in the Low Byte indicate the module type (000101
corresponds to the SLDM-06D1Ax series of module), while bits [7:3] indicate the revision number of the module.
Low Byte
Bit Position
Flag
Default Value
7:2
Module Name
000101
1:0
Reserved
10
High Byte
Bit Position
Flag
Default Value
7:3
Module Revision Number
None
2:0
Reserved
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com