Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 17Page - SMSC Corporation LPC47M192 Datasheet HTML 18Page - SMSC Corporation LPC47M192 Datasheet HTML 19Page - SMSC Corporation LPC47M192 Datasheet HTML 20Page - SMSC Corporation LPC47M192 Datasheet HTML 21Page - SMSC Corporation LPC47M192 Datasheet HTML 22Page - SMSC Corporation LPC47M192 Datasheet HTML 23Page - SMSC Corporation LPC47M192 Datasheet HTML 24Page - SMSC Corporation LPC47M192 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 228 page
background image
SMSC DS – LPC47M192
Page 21
Rev. 03/30/05
DATASHEET
GP21/P16/nDS1 if P16 or nDS1 function is used as Open Drain Output
GP22/P12/nMTR1 if P12 or nMTR1 function is used as Open Drain Output
GP27/nIO_SMI if nIO_SMI function is used
GP42/nIO_PME if nIO_PME function is used
SER_IRQ
GP40/DRVDEN0 if DRVDEN0 function is used as an Open Drain.
GP41/DRVDEN1 if DRVDEN1 function is used as an Open Drain.
nMTR0 if used as an Open Drain Output
nDS0 if used as an Open Drain Output
nDIR if used as an Open Drain Output
nSTEP if used as an Open Drain Output
nWDATA if used as an Open Drain Output
nWGATE if used as an Open Drain Output
nHDSEL if used as an Open Drain Output
nINDEX
nTRK0
nWRTPRT
nRDATA
nDSKCHG
GPIOs
4.2.2 HARDWARE MONITORING BLOCK PINS
The following pins require external pullup resistors to 3.3V only:
SCLK
SDA
A0/RESET#/THERM#/XNOR_OUT if the RESET# or THERM# function is used. This limits the SMBus address
to 0101101 (unless external circuitry is provided). See section 7.18.2 SMBus Interface.
VID0-VID3
12V_IN/VID4 if VID4 function is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com