Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 70 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 70 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 66Page - SMSC Corporation LPC47M192 Datasheet HTML 67Page - SMSC Corporation LPC47M192 Datasheet HTML 68Page - SMSC Corporation LPC47M192 Datasheet HTML 69Page - SMSC Corporation LPC47M192 Datasheet HTML 70Page - SMSC Corporation LPC47M192 Datasheet HTML 71Page - SMSC Corporation LPC47M192 Datasheet HTML 72Page - SMSC Corporation LPC47M192 Datasheet HTML 73Page - SMSC Corporation LPC47M192 Datasheet HTML 74Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 228 page
background image
SMSC DS – LPC47M192
Page 70
Rev. 03/30/05
DATASHEET
operational but the interrupts’ sources are now the lower four bits of the MODEM Control Register instead of the
MODEM Control inputs. The interrupts are still controlled by the Interrupt Enable Register.
Bits 5 through 7
These bits are permanently set to logic zero.
LINE STATUS REGISTER (LSR)
Address Offset = 5H, DLAB = X, READ/WRITE
Bit 0
Data Ready (DR). It is set to a logic “1” whenever a complete incoming character has been received and transferred
into the Receiver Buffer Register or the FIFO. Bit 0 is reset to a logic “0” by reading all of the data in the Receive
Buffer Register or the FIFO.
Bit 1
Overrun Error (OE). Bit 1 indicates that data in the Receiver Buffer Register was not read before the next character
was transferred into the register, thereby destroying the previous character. In FIFO mode, an overrun error will
occur only when the FIFO is full and the next character has been completely received in the shift register, the
character in the shift register is overwritten but not transferred to the FIFO. The OE indicator is set to a logic “1”
immediately upon detection of an overrun condition, and reset whenever the Line Status Register is read.
Bit 2
Parity Error (PE). Bit 2 indicates that the received data character does not have the correct even or odd parity, as
selected by the even parity select bit. The PE is set to a logic “1” upon detection of a parity error and is reset to a
logic “0” whenever the Line Status Register is read. In the FIFO mode this error is associated with the particular
character in the FIFO it applies to. This error is indicated when the associated character is at the top of the FIFO.
Bit 3
Framing Error (FE). Bit 3 indicates that the received character did not have a valid stop bit. Bit 3 is set to a logic “1”
whenever the stop bit following the last data bit or parity bit is detected as a zero bit (Spacing level). The FE is reset
to a logic “0” whenever the Line Status Register is read. In the FIFO mode this error is associated with the particular
character in the FIFO it applies to. This error is indicated when the associated character is at the top of the FIFO.
The Serial Port will try to resynchronize after a framing error. To do this, it assumes that the framing error was due to
the next start bit, so it samples this ‘start’ bit twice and then takes in the ‘data’.
Bit 4
Break Interrupt (BI). Bit 4 is set to a logic “1” whenever the received data input is held in the Spacing state (logic “0”)
for longer than a full word transmission time (that is, the total time of the start bit + data bits + parity bits + stop bits).
The BI is reset after the CPU reads the contents of the Line Status Register. In the FIFO mode this error is
associated with the particular character in the FIFO it applies to. This error is indicated when the associated character
is at the top of the FIFO. When break occurs only one zero character is loaded into the FIFO. Restarting after a
break is received, requires the serial data (RXD) to be logic “1” for at least ½ bit time.
Note:
Bits 1 through 4 are the error conditions that produce a Receiver Line Status Interrupt whenever any of the
corresponding conditions are detected and the interrupt is enabled.
Bit 5
Transmitter Holding Register Empty (THRE). Bit 5 indicates that the Serial Port is ready to accept a new character
for transmission. In addition, this bit causes the Serial Port to issue an interrupt when the Transmitter Holding
Register interrupt enable is set high. The THRE bit is set to a logic “1” when a character is transferred from the
Transmitter Holding Register into the Transmitter Shift Register. The bit is reset to logic “0” whenever the CPU loads
the Transmitter Holding Register. In the FIFO mode this bit is set when the XMIT FIFO is empty, it is cleared when at
least 1 byte is written to the XMIT FIFO. Bit 5 is a read only bit.
Bit 6
Transmitter Empty (TEMT). Bit 6 is set to a logic “1” whenever the Transmitter Holding Register (THR) and
Transmitter Shift Register (TSR) are both empty. It is reset to logic “0” whenever either the THR or TSR contains a
data character. Bit 6 is a read only bit. In the FIFO mode this bit is set whenever the THR and TSR are both empty,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com