Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 31 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 27Page - SMSC Corporation LPC47M192 Datasheet HTML 28Page - SMSC Corporation LPC47M192 Datasheet HTML 29Page - SMSC Corporation LPC47M192 Datasheet HTML 30Page - SMSC Corporation LPC47M192 Datasheet HTML 31Page - SMSC Corporation LPC47M192 Datasheet HTML 32Page - SMSC Corporation LPC47M192 Datasheet HTML 33Page - SMSC Corporation LPC47M192 Datasheet HTML 34Page - SMSC Corporation LPC47M192 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 228 page
background image
SMSC DS – LPC47M192
Page 31
Rev. 03/30/05
DATASHEET
7.4 Floppy Disk Controller
The Floppy Disk controller (FDC) provides the interface between a host microprocessor and the floppy disk
drives.
The FDC integrates the functions of the Formatter/Controller, Digital data Separator, Write
Precompensation and Data Rate Selection logic for an IBM XT/AT compatible FDC. The true CMOS 765B
core guarantees 100% IBM PC XT/AT compatibility in addition to providing data overflow and underflow
protection. LPC47M192 supports two floppy drive directly (see “Direct Support for Two Floppy Drives”
subsection).
The FDC is compatible to the 82077AA using SMSC’s proprietary floppy disk controller core.
7.4.1 FDC INTERNAL REGISTERS
The Floppy Disk Controller contains eight internal registers which facilitate the interfacing between the host
microprocessor and the disk drive. Table 2 shows the addresses required to access these registers. Registers
other than the ones shown are not supported. The rest of the description assumes that the primary addresses
have been selected.
Table 2 – Status, Data and Control Registers
(Shown with base addresses of 3F0 and 370)
PRIMARY
ADDRESS
SECONDARY
ADDRESS
R/W
REGISTER
3F0
3F1
3F2
3F3
3F4
3F4
3F5
3F6
3F7
3F7
370
371
372
373
374
374
375
376
377
377
R
R
R/W
R/W
R
W
R/W
R
W
Status Register A (SRA)
Status Register B (SRB)
Digital Output Register (DOR)
Tape Drive Register (TDR)
Main Status Register (MSR)
Data Rate Select Register (DSR)
Data (FIFO)
Reserved
Digital Input Register (DIR)
Configuration Control Register (CCR)
STATUS REGISTER A (SRA)
Address 3F0 READ ONLY
This register is read-only and monitors the state of the internal interrupt signal and several disk interface pins in
PS/2 and Model 30 modes. The SRA can be accessed at any time when in PS/2 mode. In the PC/AT mode the data
bus pins D0 – D7 are held in a high impedance state for a read of address 3F0.
PS/2 Mode
7
6
5
4
3
2
1
0
INT
PENDIN
G
nDRV2
STEP
nTRK0
HDSEL
nINDX
nWP
DIR
RESET
COND.
0
1
0
N/A
0
N/A
N/A
0
BIT 0 DIRECTION
Active high status indicating the direction of head movement. A logic “1” indicates inward direction; a logic “0”
indicates outward direction.
BIT 1 nWRITE PROTECT
Active low status of the WRITE PROTECT disk interface input. A logic “0” indicates that the disk is write protected.
BIT 2 nINDEX
Active low status of the INDEX disk interface input.
BIT 3 HEAD SELECT
Active high status of the HDSEL disk interface input. A logic “1” selects side 1 and a logic “0” selects side 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com