Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 29 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 25Page - SMSC Corporation LPC47M192 Datasheet HTML 26Page - SMSC Corporation LPC47M192 Datasheet HTML 27Page - SMSC Corporation LPC47M192 Datasheet HTML 28Page - SMSC Corporation LPC47M192 Datasheet HTML 29Page - SMSC Corporation LPC47M192 Datasheet HTML 30Page - SMSC Corporation LPC47M192 Datasheet HTML 31Page - SMSC Corporation LPC47M192 Datasheet HTML 32Page - SMSC Corporation LPC47M192 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 228 page
background image
SMSC DS – LPC47M192
Page 29
Rev. 03/30/05
DATASHEET
7.3.5 I/O READ AND WRITE CYCLES
The LPC47M192 is the target for I/O cycles. I/O cycles are initiated by the host for register or FIFO accesses,
and will generally have minimal Sync times. The minimum number of wait-states between bytes is 1. EPP
cycles will depend on the speed of the external device, and may have much longer Sync times.
Data transfers are assumed to be exactly 1-byte. If the CPU requested a 16 or 32-bit transfer, the host will
break it up into 8-bit transfers.
See the “Low Pin Count (LPC) Interface Specification” Reference, Section 5.2, for the sequence of cycles for
the I/O Read and Write cycles.
7.3.6 DMA READ AND WRITE CYCLES
DMA read cycles involve the transfer of data from the host (main memory) to the LPC47M192. DMA write
cycles involve the transfer of data from the LPC47M192 to the host (main memory). Data will be coming from
or going to a FIFO and will have minimal Sync times. Data transfers to/from the LPC47M192 are 1, 2 or 4
bytes.
See the “Low Pin Count (LPC) Interface Specification” Reference, Section 6.4, for the field definitions and the
sequence of the DMA Read and Write cycles.
7.3.7 DMA PROTOCOL
DMA on the LPC bus is handled through the use of the LDRQ# lines from the LPC47M192 and special
encodings on LAD[3:0] from the host.
The DMA mechanism for the LPC bus is described in the “Low Pin Count (LPC) Interface Specification,”
Revision 1.0.
7.3.8 POWER MANAGEMENT
7.3.8.1
CLOCKRUN Protocol
The CLKRUN# pin is not implemented in the LPC47M192.
See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 8.1.
7.3.8.2
LPCPD Protocol
See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 8.2.
7.3.9 SYNC PROTOCOL
See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 4.2.1.8 for a table of valid SYNC
values.
7.3.9.1
Typical Usage
The SYNC pattern is used to add wait states. For read cycles, the LPC47M192 immediately drives the
SYNC pattern upon recognizing the cycle. The host immediately drives the sync pattern for write cycles. If
the LPC47M192 needs to assert wait states, it does so by driving 0101 or 0110 on LAD[3:0] until it is
ready, at which point it will drive 0000 or 1001. The LPC47M192 will choose to assert 0101 or 0110, but
not switch between the two patterns.
The data (or wait state SYNC) will immediately follow the 0000 or 1001 value. The SYNC value of 0101 is
intended to be used for normal wait states, wherein the cycle will complete within a few clocks. The
LPC47M192 uses a SYNC of 0101 for all wait states in a DMA transfer.
The SYNC value of 0110 is intended to be used where the number of wait states is large. This is provided
for EPP cycles, where the number of wait states could be quite large (>1 microsecond). However, the
LPC47M192 uses a SYNC of 0110 for all wait states in an I/O transfer.
The SYNC value is driven within 3 clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com