Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 27 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 23Page - SMSC Corporation LPC47M192 Datasheet HTML 24Page - SMSC Corporation LPC47M192 Datasheet HTML 25Page - SMSC Corporation LPC47M192 Datasheet HTML 26Page - SMSC Corporation LPC47M192 Datasheet HTML 27Page - SMSC Corporation LPC47M192 Datasheet HTML 28Page - SMSC Corporation LPC47M192 Datasheet HTML 29Page - SMSC Corporation LPC47M192 Datasheet HTML 30Page - SMSC Corporation LPC47M192 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 228 page
background image
SMSC DS – LPC47M192
Page 27
Rev. 03/30/05
DATASHEET
7
FUNCTIONAL DESCRIPTION
The following sections describe the functional blocks located in the LPC47M192 (see FIGURE 1). All the
functional blocks are dedicated to the Super I/O portion of the chip, except for the Hardware Monitoring block.
The Hardware Monitoring block is maintained separately from the Super I/O components and is defined in
section 7.18
− Hardware Monitoring Interface. It is powered by HVCC and all its registers are accessed through
an Internal Address register located in the Hardware Monitoring block (see section 10
− Registers for Hardware
Monitoring Block). The various Super I/O components are described in the following sections and their registers
are implemented as typical Plug-and-Play components (see section 9
− CONFIGURATION).
It should be noted that there are two main interfaces used to access the components of this chip. The LPC
interface is used to access the Super I/O registers and the SMBus is used to access the Hardware Monitoring
registers.
7.1 Super I/O Registers
The address map, shown below in Table 1 shows the addresses of the different blocks of the Super I/O
immediately after power up. The base addresses of the FDC, serial and parallel ports, PME register block,
Game port and configuration register block can be moved via the configuration registers. Some addresses are
used to access more than one register.
7.2 Host Processor Interface (LPC)
The host processor communicates with the LPC47M192 through a series of read/write registers via the LPC
interface. The port addresses for these registers are shown in Table 1. Register access is accomplished
through I/O cycles or DMA transfers. All registers are 8 bits wide.
Table 1 – Super I/O Block Addresses
ADDRESS
BLOCK NAME
LOGICAL
DEVICE
NOTES
Base+(0-5) and +(7)
Floppy Disk
0
Base+(0-7)
Serial Port Com 1
4
Base1+(0-7)
Base2+(0-7)
Serial Port Com 2
5
Base+(0-3)
Base+(0-7)
Base+(0-3), +(400-402)
Base+(0-7), +(400-402)
Parallel Port
SPP
EPP
ECP
ECP+EPP+SPP
3
60, 64
KYBD
7
Base + 0
Game Port
9
Base + (0-5F)
Runtime Registers
A
Note 1
Base + (0-1)
MPU-401
B
Base + (0-1)
Configuration
Note:
Refer to the configuration register descriptions for setting the base address.
Note 1: Logical Device A is refered to as the Runtime Register block or PME Block and may be used
interchangeably throughout this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com