Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 28 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 24Page - SMSC Corporation LPC47M192 Datasheet HTML 25Page - SMSC Corporation LPC47M192 Datasheet HTML 26Page - SMSC Corporation LPC47M192 Datasheet HTML 27Page - SMSC Corporation LPC47M192 Datasheet HTML 28Page - SMSC Corporation LPC47M192 Datasheet HTML 29Page - SMSC Corporation LPC47M192 Datasheet HTML 30Page - SMSC Corporation LPC47M192 Datasheet HTML 31Page - SMSC Corporation LPC47M192 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 228 page
background image
SMSC DS – LPC47M192
Page 28
Rev. 03/30/05
DATASHEET
7.3 LPC Interface
The following sub-sections specify the implementation of the LPC bus.
7.3.1 LPC INTERFACE SIGNAL DEFINITION
The signals required for the LPC bus interface are described in the table below. LPC bus signals use PCI
33MHz electrical signal characteristics.
SIGNAL
NAME
TYPE
DESCRIPTION
LAD[3:0]
I/O
LPC address/data bus. Multiplexed command, address and data bus.
LFRAME#
Input
Frame signal. Indicates start of new cycle and termination of broken cycle
PCI_RESET#
Input
PCI Reset. Used as LPC Interface Reset.
LDRQ#
Output
Encoded DMA/Bus Master request for the LPC interface.
nIO_PME
OD
Power Mgt Event signal. Allows the LPC47M192 to request wakeup.
LPCPD#
Input
Powerdown Signal. Indicates that the LPC47M192 should prepare for power to be shut
on the LPC interface.
SER_IRQ
I/O
Serial IRQ.
PCI_CLK
Input
PCI Clock.
Note: The CLKRUN# signal is not implemented in this part.
7.3.2 LPC CYCLES
The following cycle types are supported by the LPC protocol.
CYCLE TYPE
TRANSFER SIZE
I/O Write
1 Byte
I/O Read
1 Byte
DMA Write
1 Byte
DMA Read
1 Byte
LPC47M192 ignores cycles that it does not support.
7.3.3 FIELD DEFINITIONS
The data transfers are based on specific fields that are used in various combinations, depending on the cycle
type. These fields are driven onto the LAD[3:0] signal lines to communicate address, control and data
information over the LPC bus between the host and the LPC47M192. See the Low Pin Count (LPC) Interface
Specification Revision 1.0 from Intel, Section 4.2 for definition of these fields.
7.3.4 LFRAME# USAGE
LFRAME# is used by the host to indicate the start of cycles and the termination of cycles due to an abort or
time-out condition. This signal is to be used by the LPC47M192 to know when to monitor the bus for a cycle.
This signal is used as a general notification that the LAD[3:0] lines contain information relative to the start or
stop of a cycle, and that the LPC47M192 monitors the bus to determine whether the cycle is intended for it.
The use of LFRAME# allows the LPC47M192 to enter a lower power state internally. There is no need for the
LPC47M192 to monitor the bus when it is inactive, so it can decouple its state machines from the bus, and
internally gate its clocks.
When the LPC47M192 samples LFRAME# active, it immediately stops driving the LAD[3:0] signal lines on the
next clock and monitor the bus for new cycle information.
The LFRAME# signal functions as described in the Low Pin Count (LPC) Interface Specification, Revision 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com