Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 82 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 82 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 78Page - SMSC Corporation LPC47M192 Datasheet HTML 79Page - SMSC Corporation LPC47M192 Datasheet HTML 80Page - SMSC Corporation LPC47M192 Datasheet HTML 81Page - SMSC Corporation LPC47M192 Datasheet HTML 82Page - SMSC Corporation LPC47M192 Datasheet HTML 83Page - SMSC Corporation LPC47M192 Datasheet HTML 84Page - SMSC Corporation LPC47M192 Datasheet HTML 85Page - SMSC Corporation LPC47M192 Datasheet HTML 86Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 228 page
background image
SMSC DS – LPC47M192
Page 82
Rev. 03/30/05
DATASHEET
UART MODE Command
The UART MODE command is 3Fh. The UART MODE command clears the 16C550A transmit and receive FIFOs,
places the command acknowledge byte (FEh) in the MIDI Data port receive buffer, and enables the 16C550A UART
for transmit and receive operations.
In UART mode, the MPU-401 Interface passes MIDI read and write data directly between the host (using the MIDI
Data port) and the 16C550A UART Transmit and Receive buffers.
The MPU-401 Command Controller ignores the UART MODE command when the MPU-401 Interface is already in
UART mode.
The MPU-401 RESET command is executed but not acknowledged by the MPU-401 Command Controller in UART
MODE (see Section “RESET Command”, above).
Command Acknowledge Byte
Under certain conditions, the command controller acknowledges the RESET and UART MODE commands with a
command acknowledge byte (FEh).
The command acknowledge byte appears as read-data in the MIDI Data port.
Note:
The command acknowledge byte will appear as the next available data byte in the receive buffer of the MIDI
Data port. For example if the receive FIFO is not empty when an MPU-401 RESET command is received, the
command acknowledge will appear first, before any unread FIFO data. In the examples above, the receive FIFO is
cleared before the command acknowledge byte is placed in the MIDI Data port read buffer.
7.7.6 MIDI UART
Overview
The UART is used to transmit and receive MIDI protocol data from the MIDI Data port in the Host Interface (see
Section “Host Interface”).
The MIDI protocol requires 31.25k Baud (
±1%) and 10 bits total per frame: 1 start bit, 8 data bits, no parity, and 1
stop bit. For example, there are 320 microseconds per serial MIDI data byte. MIDI data is transferred LSB first
(Figure 7).
The UART is configured in full-duplex mode for the MPU-401 MIDI Interface, with 16-byte send/receive FIFOs.
MIDI RX CLOCK
1
MIDI RX DATA BYTE (01H)
MIDI_IN
FIGURE 4 - MIDI DATA BYTE EXAMPLE
Note
1
MIDI RX CLOCK is the MIDI bit clock. The MIDI bit clock period is 32
µs.
7.7.7 MPU-401 CONFIGURATION REGISTERS
The LPC47M192 configuration registers are in Logical Device B (see “Configuration” section). The configuration
registers contain the MPU-401 Activate, Base Address and Interrupt select. The defaults for the Base Address and
Interrupt Select configuration registers match the MPU-401 factory defaults.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com