Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 86 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 86 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 82Page - SMSC Corporation LPC47M192 Datasheet HTML 83Page - SMSC Corporation LPC47M192 Datasheet HTML 84Page - SMSC Corporation LPC47M192 Datasheet HTML 85Page - SMSC Corporation LPC47M192 Datasheet HTML 86Page - SMSC Corporation LPC47M192 Datasheet HTML 87Page - SMSC Corporation LPC47M192 Datasheet HTML 88Page - SMSC Corporation LPC47M192 Datasheet HTML 89Page - SMSC Corporation LPC47M192 Datasheet HTML 90Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 228 page
background image
SMSC DS – LPC47M192
Page 86
Rev. 03/30/05
DATASHEET
PD7 ports are read. An LPC I/O read cycle causes an EPP READ cycle to be performed and the data output to the
host CPU, the deassertion of DATASTB latches the PData for the duration of the read cycle. This register is only
available in EPP mode.
EPP DATA PORT 1
ADDRESS OFFSET = 05H
The EPP Data Port 1 is located at an offset of ‘05H’ from the base address. Refer to EPP DATA PORT 0 for a
description of operation. This register is only available in EPP mode.
EPP DATA PORT 2
ADDRESS OFFSET = 06H
The EPP Data Port 2 is located at an offset of ‘06H’ from the base address. Refer to EPP DATA PORT 0 for a
description of operation. This register is only available in EPP mode.
EPP DATA PORT 3
ADDRESS OFFSET = 07H
The EPP Data Port 3 is located at an offset of ‘07H’ from the base address. Refer to EPP DATA PORT 0 for a
description of operation. This register is only available in EPP mode.
EPP 1.9 OPERATION
When the EPP mode is selected in the configuration register, the standard and bi-directional modes are also
available. If no EPP Read, Write or Address cycle is currently executing, then the PDx bus is in the standard or bi-
directional mode, and all output signals (STROBE, AUTOFD, INIT) are as set by the SPP Control Port and direction
is controlled by PCD of the Control port.
In EPP mode, the system timing is closely coupled to the EPP timing. For this reason, a watchdog timer is required
to prevent system lockup. The timer indicates if more than 10usec have elapsed from the start of the EPP cycle to
nWAIT being deasserted (after command). If a time-out occurs, the current EPP cycle is aborted and the time-out
condition is indicated in Status bit 0.
During an EPP cycle, if STROBE is active, it overrides the EPP write signal forcing the PDx bus to always be in a
write mode and the nWRITE signal to always be asserted.
Software Constraints
Before an EPP cycle is executed, the software must ensure that the control register bit PCD is a logic “0” (i.e., a 04H
or 05H should be written to the Control port). If the user leaves PCD as a logic “1”, and attempts to perform an EPP
write, the chip is unable to perform the write (because PCD is a logic “1”) and will appear to perform an EPP read on
the parallel bus, no error is indicated.
EPP 1.9 Write
The timing for a write operation (address or data) is shown in timing diagram EPP Write Data or Address cycle. The
chip inserts wait states into the LPC I/O write cycle until it has been determined that the write cycle can complete.
The write cycle can complete under the following circumstances:
1.
If the EPP bus is not ready (nWAIT is active low) when nDATASTB or nADDRSTB goes active then the
write can complete when nWAIT goes inactive high.
2.
If the EPP bus is ready (nWAIT is inactive high) then the chip must wait for it to go active low before
changing the state of nDATASTB, nWRITE or nADDRSTB. The write can complete once nWAIT is
determined inactive.
Write Sequence of operation
1.
The host initiates an I/O write cycle to the selected EPP register.
2.
If WAIT is not asserted, the chip must wait until WAIT is asserted.
3.
The chip places address or data on PData bus, clears PDIR, and asserts nWRITE.
4.
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus contains valid information, and the WRITE
signal is valid.
5.
Peripheral deasserts nWAIT, indicating that any setup requirements have been satisfied and the chip may begin the
termination phase of the cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com