Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 45 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 41Page - SMSC Corporation LPC47M192 Datasheet HTML 42Page - SMSC Corporation LPC47M192 Datasheet HTML 43Page - SMSC Corporation LPC47M192 Datasheet HTML 44Page - SMSC Corporation LPC47M192 Datasheet HTML 45Page - SMSC Corporation LPC47M192 Datasheet HTML 46Page - SMSC Corporation LPC47M192 Datasheet HTML 47Page - SMSC Corporation LPC47M192 Datasheet HTML 48Page - SMSC Corporation LPC47M192 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 228 page
background image
SMSC DS – LPC47M192
Page 45
Rev. 03/30/05
DATASHEET
Data Transfer Termination
The FDC supports terminal count explicitly through the TC pin and implicitly through the underrun/overrun and end-
of-track (EOT) functions. For full sector transfers, the EOT parameter can define the last sector to be transferred in
a single or multi-sector transfer.
If the last sector to be transferred is a partial sector, the host can stop transferring the data in mid-sector, and the
FDC will continue to complete the sector as if a TC cycle was received. The only difference between these implicit
functions and TC cycle is that they return “abnormal termination” result status. Such status indications can be
ignored if they were expected.
Note that when the host is sending data to the FIFO of the FDC, the internal sector count will be complete when the
FDC reads the last byte from its side of the FIFO. There may be a delay in the removal of the transfer request signal
of up to the time taken for the FDC to read the last 16 bytes from the FIFO. The host must tolerate this delay.
Result Phase
The generation of the interrupt determines the beginning of the result phase. For each of the commands, a defined
set of result bytes has to be read from the FDC before the result phase is complete. These bytes of data must be
read out for another command to start.
RQM and DIO must both equal “1” before the result bytes may be read. After all the result bytes have been read, the
RQM and DIO bits switch to “1” and “0” respectively, and the CB bit is cleared, indicating that the FDC is ready to
accept the next command.
Command Set/Descriptions
Commands can be written whenever the FDC is in the command phase. Each command has a unique set of needed
parameters and status results. The FDC checks to see that the first byte is a valid command and, if valid, proceeds
with the command. If it is invalid, an interrupt is issued. The user sends a Sense Interrupt Status command which
returns an invalid command error. Refer to Table 16 for explanations of the various symbols used. Table 17 lists the
required parameters and the results associated with each command that the FDC is capable of performing.
Table 16 – Description of Command Symbols
SYMBOL
NAME
DESCRIPTION
C
Cylinder Address
The currently selected address; 0 to 255.
D
Data Pattern
The pattern to be written in each sector data field during formatting.
D0, D1
Drive Select 0-1
Designates which drives are perpendicular drives on the
Perpendicular Mode Command.
A “1” indicates a perpendicular
drive.
DIR
Direction Control
If this bit is 0, then the head will step out from the spindle during a
relative seek. If set to a 1, the head will step in toward the spindle.
DS0, DS1
Disk Drive Select
DS1
DS0
DRIVE
0
0
Drive 0
0
1
Drive 1
DTL
Special Sector
Size
By setting N to zero (00), DTL may be used to control the number of
bytes transferred in disk read/write commands. The sector size (N =
0) is set to 128. If the actual sector (on the diskette) is larger than
DTL, the remainder of the actual sector is read but is not passed to
the host during read commands; during write commands, the
remainder of the actual sector is written with all zero bytes. The CRC
check code is calculated with the actual sector. When N is not zero,
DTL has no meaning and should be set to FF HEX.
EC
Enable Count
When this bit is “1” the “DTL” parameter of the Verify command
becomes SC (number of sectors per track).
EFIFO
Enable FIFO
This active low bit when a 0, enables the FIFO. A “1” disables the
FIFO (default).
EIS
Enable Implied
Seek
When set, a seek operation will be performed before executing any
read or write command that requires the C parameter in the
command phase. A “0” disables the implied seek.
EOT
End of Track
The final sector number of the current track.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com