Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 72 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 68Page - SMSC Corporation LPC47M192 Datasheet HTML 69Page - SMSC Corporation LPC47M192 Datasheet HTML 70Page - SMSC Corporation LPC47M192 Datasheet HTML 71Page - SMSC Corporation LPC47M192 Datasheet HTML 72Page - SMSC Corporation LPC47M192 Datasheet HTML 73Page - SMSC Corporation LPC47M192 Datasheet HTML 74Page - SMSC Corporation LPC47M192 Datasheet HTML 75Page - SMSC Corporation LPC47M192 Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 228 page
background image
SMSC DS – LPC47M192
Page 72
Rev. 03/30/05
DATASHEET
SCRATCHPAD REGISTER (SCR)
Address Offset =7H, DLAB =X, READ/WRITE
This 8 bit read/write register has no effect on the operation of the Serial Port. It is intended as a scratchpad register
to be used by the programmer to hold data temporarily.
PROGRAMMABLE BAUD RATE GENERATOR (AND DIVISOR LATCHES DLH, DLL)
The Serial Port contains a programmable Baud Rate Generator that is capable of dividing the internal PLL clock by
any divisor from 1 to 65535. The internal PLL clock is divided down to generate a 1.8462MHz frequency for Baud
Rates less than 38.4k, a 1.8432MHz frequency for 115.2k, a 3.6864MHz frequency for 230.4k and a 7.3728MHz
frequency for 460.8k. This output frequency of the Baud Rate Generator is 16x the Baud rate. Two 8 bit latches
store the divisor in 16 bit binary format. These Divisor Latches must be loaded during initialization in order to insure
desired operation of the Baud Rate Generator. Upon loading either of the Divisor Latches, a 16 bit Baud counter is
immediately loaded. This prevents long counts on initial load. If a 0 is loaded into the BRG registers the output
divides the clock by the number 3. If a 1 is loaded the output is the inverse of the input oscillator. If a two is loaded
the output is a divide by 2 signal with a 50% duty cycle. If a 3 or greater is loaded the output is low for 2 bits and high
for the remainder of the count. The input clock to the BRG is a 1.8462 MHz clock.
Table 30 shows the baud rates possible.
Effect Of The Reset on Register File
The Reset Function (details the effect of the Reset input on each of the registers of the Serial Port.
FIFO INTERRUPT MODE OPERATION
When the RCVR FIFO and receiver interrupts are enabled (FCR bit 0 = “1”, IER bit 0 = “1”), RCVR interrupts occur as
follows:
A. The receive data available interrupt will be issued when the FIFO has reached its programmed trigger
level; it is cleared as soon as the FIFO drops below its programmed trigger level.
B. The IIR receive data available indication also occurs when the FIFO trigger level is reached. It is
cleared when the FIFO drops below the trigger level.
C. The receiver line status interrupt (IIR=06H), has higher priority than the received data available
(IIR=04H) interrupt.
D. The data ready bit (LSR bit 0) is set as soon as a character is transferred from the shift register to the
RCVR FIFO. It is reset when the FIFO is empty.
When RCVR FIFO and receiver interrupts are enabled, RCVR FIFO timeout interrupts occur as follows:
A. A FIFO timeout interrupt occurs if all the following conditions exist:
At least one character is in the FIFO.
The most recent serial character received was longer than 4 continuous character times ago. (If 2 stop
bits are programmed, the second one is included in this time delay).
The most recent CPU read of the FIFO was longer than 4 continuous character times ago.
This will cause a maximum character received to interrupt issued delay of 160 msec at 300 BAUD with a 12
bit character.
B. Character times are calculated by using the RCLK input for a clock signal (this makes the delay
proportional to the baudrate).
C. When a timeout interrupt has occurred it is cleared and the timer reset when the CPU reads one
character from the RCVR FIFO.
D. When a timeout interrupt has not occurred the timeout timer is reset after a new character is received or
after the CPU reads the RCVR FIFO.
When the XMIT FIFO and transmitter interrupts are enabled (FCR bit 0 = “1”, IER bit 1 = “1”), XMIT interrupts occur
as follows:
A. The transmitter holding register interrupt (02H) occurs when the XMIT FIFO is empty; it is cleared as
soon as the transmitter holding register is written to (1 of 16 characters may be written to the XMIT
FIFO while servicing this interrupt) or the IIR is read.
B. The transmitter FIFO empty indications will be delayed 1 character time minus the last stop bit time
whenever the following occurs: THRE=1 and there have not been at least two bytes at the same time in
the transmitter FIFO since the last THRE=1. The transmitter interrupt after changing FCR0 will be
immediate, if it is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com