Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 80 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 80 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 76Page - SMSC Corporation LPC47M192 Datasheet HTML 77Page - SMSC Corporation LPC47M192 Datasheet HTML 78Page - SMSC Corporation LPC47M192 Datasheet HTML 79Page - SMSC Corporation LPC47M192 Datasheet HTML 80Page - SMSC Corporation LPC47M192 Datasheet HTML 81Page - SMSC Corporation LPC47M192 Datasheet HTML 82Page - SMSC Corporation LPC47M192 Datasheet HTML 83Page - SMSC Corporation LPC47M192 Datasheet HTML 84Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 228 page
background image
SMSC DS – LPC47M192
Page 80
Rev. 03/30/05
DATASHEET
The MPU-401 Interrupt output is active ‘1’ when the MIDI Receive Buffer Empty bit is ‘0’. The MPU-401 Interrupt
output is inactive ‘0’ when the MIDI Receive Buffer Empty bit is ‘1’. See Section “Interrupt” for more information.
Table 36 – MIDI RECEIVE BUFFER EMPTY STATUS BIT
STATUS PORT
DESCRIPTION
D7
0
MIDI Read/Command Acknowledge data is
available to the host.
1
MIDI Read/Command Acknowledge data is
NOT available to the host.
7.7.4.2
Bit 6 – MIDI Transmit Busy
Bit 6 MIDI Transmit Busy indicates the send (write) state of the MIDI Data port and Command port (Table 37)
There are no interrupts associated with MIDI transmit (write) data.
Table 37 - MIDI TRANSMIT BUSY STATUS BIT
STATUS PORT
DESCRIPTION
D6
0
The MPU-401 interface is ready to accept a
data/command byte from the host.
1
The MPU-401 interface is NOT ready to
accept a data/command byte from the host.
Bits[5:0]
RESERVED (Reserved bits cannot be written and return ‘0’ when read).
Command Port
The Command port is used to transfer MPU-401 commands to the Command Controller. The Command port is write-
only (Table 38). See Section “MPU-401 Command controller” below.
Table 38 - MPU-401 COMMAND PORT
MPU-401 I/O BASE ADDRESS+1
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
TYPE
W
W
W
W
W
W
W
W
n/a
NAME
COMMAND REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com