Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 34 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 30Page - SMSC Corporation LPC47M192 Datasheet HTML 31Page - SMSC Corporation LPC47M192 Datasheet HTML 32Page - SMSC Corporation LPC47M192 Datasheet HTML 33Page - SMSC Corporation LPC47M192 Datasheet HTML 34Page - SMSC Corporation LPC47M192 Datasheet HTML 35Page - SMSC Corporation LPC47M192 Datasheet HTML 36Page - SMSC Corporation LPC47M192 Datasheet HTML 37Page - SMSC Corporation LPC47M192 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 228 page
background image
SMSC DS – LPC47M192
Page 34
Rev. 03/30/05
DATASHEET
BIT 7 nDRV2
Active low status of the DRV2 disk interface input. Note: This function is not supported.
DIGITAL OUTPUT REGISTER (DOR)
Address 3F2 READ/WRITE
The DOR controls the drive select and motor enables of the disk interface outputs. It also contains the enable for the
DMA logic and a software reset bit. The contents of the DOR are unaffected by a software reset. The DOR can be
written to at any time.
7
6
5
4
3
2
1
0
MOT
EN3
MOT
EN2
MOT
EN1
MOT
EN0
DMAEN
nRESET
DRIVE
SEL1
DRIVE
SEL0
RESET
COND.
0
0
0
0
0
0
0
0
BIT 0 and 1 DRIVE SELECT
These two bits are binary encoded for the drive selects, thereby allowing only one drive to be selected at one time.
BIT 2 nRESET
A logic “0” written to this bit resets the Floppy disk controller. This reset will remain active until a logic “1” is written to
this bit. This software reset does not affect the DSR and CCR registers, nor does it affect the other bits of the DOR
register. The minimum reset duration required is 100ns, therefore toggling this bit by consecutive writes to this
register is a valid method of issuing a software reset.
BIT 3 DMAEN
PC/AT and Model 30 Mode:
Writing this bit to logic “1” will enable the DMA and interrupt functions. This bit being a logic “0” will disable the DMA
and interrupt functions. This bit is a logic “0” after a reset and in these modes.
PS/2 Mode: In this mode the DMA and interrupt functions are always enabled. During a reset, this bit will be cleared
to a logic “0”.
BIT 4 MOTOR ENABLE 0
This bit controls the MTR0 disk interface output. A logic “1” in this bit will cause the output pin to go active.
BIT 5 MOTOR ENABLE 1
This bit controls the MTR1 disk interface output. A logic “1” in this bit will cause the output pin to go active.
DRIVE
DOR VALUE
0
1CH
1
2DH
Table 3 – Internal 2 Drive Decode – Normal
DIGITAL OUTPUT
REGISTER
DRIVE SELECT OUTPUTS
(ACTIVE LOW)
MOTOR ON OUTPUTS
(ACTIVE LOW)
Bit 5
Bit 4
Bit1
Bit 0
nDS1
nDS0
nMTR1
nMTR0
X
1
0
0
1
0
nBIT 5
nBIT 4
1
X
0
1
0
1
nBIT 5
nBIT 4
0
0
X
X
1
1
nBIT 5
nBIT 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com