Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M192 Datasheet(PDF) 79 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 79 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 75Page - SMSC Corporation LPC47M192 Datasheet HTML 76Page - SMSC Corporation LPC47M192 Datasheet HTML 77Page - SMSC Corporation LPC47M192 Datasheet HTML 78Page - SMSC Corporation LPC47M192 Datasheet HTML 79Page - SMSC Corporation LPC47M192 Datasheet HTML 80Page - SMSC Corporation LPC47M192 Datasheet HTML 81Page - SMSC Corporation LPC47M192 Datasheet HTML 82Page - SMSC Corporation LPC47M192 Datasheet HTML 83Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 228 page
background image
SMSC DS – LPC47M192
Page 79
Rev. 03/30/05
DATASHEET
7.7.2 HOST INTERFACE
Overview
The Host Interface includes two contiguous 8-bit run-time registers (the Status/Command Port and the Data Port),
and an interrupt. For illustration purposes, the Host Interface block shown in FIGURE 2 uses standard ISA signaling.
Address decoding and interrupt selection for the Host Interface are determined by device configuration registers (see
Section “MPU-401Configuration Registers”).
I/O Addresses
The Sound Blaster 16 MPU-401 UART mode MIDI interface requires two consecutive I/O addresses with possible
base I/O addresses of 300h and 330h. The default is 330h. The LPC47M192 MPU-401 I/O base address is
programmable on even-byte boundaries throughout the entire I/O address range (see Section “Activate and I/O Base
address”).
Registers (Ports)
The run-time registers in the MPU-401 Host Interface are shown below in Table 33.
Table 33 – MPU-401 HOST INTERFACE REGISTERS
REGISTER NAME
ADDRESS
TYPE
DESCRIPTION
MIDI DATA
MPU-401 I/O Base Address
R/W
Used for MIDI transmit data, MIDI
receive data, and MPU-401 command
acknowledge.
STATUS
MPU-401 I/O Base Address + 1
R
Used to indicate the send/receive status
of the MIDI Data port.
COMMAND
MPU-401 I/O Base Address + 1
W
Used for MPU-401 Commands.
7.7.3 MIDI DATA PORT
The MIDI Data port exchanges MIDI transmit and MIDI receive data between the MPU-401 UART interface and the
host. The MIDI Data port is read/write (Table 34). The MIDI Data port is also used to return the command
acknowledge byte ‘FEh’ following host writes to the COMMAND port.
The MIDI Data port is full-duplex; i.e., the transmit and receive buffers can be used simultaneously.
An interrupt is generated when either MIDI receive data or a command acknowledge is available to the host in the
MIDI Data register. See Section “Bit 7 – MIDI Receive Buffer Empty” and “Interrupt”
Table 34 - MIDI Data Port
MPU-401 I/O BASE ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
n/a
NAME
MIDI DATA/COMMAND-ACKNOWLEDGE REGISTER
7.7.4 STATUS PORT
The Status port is used to indicate the state of the transmit and receive buffers in the MIDI Data port. The Status port
is read-only (Table 35). Status port Bit 6 is MIDI Transmit Busy, Bit 7 is MIDI Receive Buffer Empty. The remaining
bits in the Status port are RESERVED.
Table 35 - MPU-401 STATUS PORT
MPU-401 I/O BASE ADDRESS+1
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
TYPE
R
R
R
R
R
R
R
R
0x80
BIT
NAME
MIDI RX
BUFFER
EMPTY
MIDI TX
BUSY
0
0
0
0
0
0
7.7.4.1
Bit 7 – MIDI Receive Buffer Empty
Bit 7 MIDI Receive Buffer Empty indicates the read state of the MIDI Data port (Table 36). If the MRBE bit is ‘0’, MIDI
Read/Command Acknowledge data is available to the host.
If the MRBE bit is ‘1’, MIDI Read/Command
Acknowledge data is NOT available to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com