Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 4Page - Linear Technology LTC2412IGN Datasheet HTML 5Page - Linear Technology LTC2412IGN Datasheet HTML 6Page - Linear Technology LTC2412IGN Datasheet HTML 7Page - Linear Technology LTC2412IGN Datasheet HTML 8Page - Linear Technology LTC2412IGN Datasheet HTML 9Page - Linear Technology LTC2412IGN Datasheet HTML 10Page - Linear Technology LTC2412IGN Datasheet HTML 11Page - Linear Technology LTC2412IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC2412
8
2412f
TYPICAL PERFOR A CE CHARACTERISTICS
RMS Noise vs VCC
RMS Noise vs Temperature (TA)
RMS Noise vs VINCM
Offset Error vs Temperature (TA)
Offset Error vs VINCM
RMS Noise vs VREF
+ Full-Scale Error
vs Temperature (TA)
Offset Error vs VREF
Offset Error vs VCC
VINCM (V)
–0.5 0
1
0.5
1.5 2 2.5 3 3.5 4 4.5 5 5.5
2412 G19
850
825
800
775
750
725
700
675
650
VCC = 5V
REF + = 5V
REF – = GND
VREF = 5V
IN+ = VINCM
IN– = VINCM
VIN = 0V
FO = GND
TA = 25°C
TEMPERATURE (
°C)
2412 G20
850
825
800
775
750
725
700
675
650
–50
–25
0
25
50
75
100
VCC = 5V
REF + = 5V
REF – = GND
IN+ = 2.5V
IN– = 2.5V
VIN = 0V
FO = GND
VCC (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
2412 G21
850
825
800
775
750
725
700
675
650
REF + = 2.5V
REF – = GND
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
VREF (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2412 G22
850
825
800
775
750
725
700
675
650
VCC = 5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
VINCM (V)
–0.5 0
1
0.5
1.5 2 2.5 3 3.5 4 4.5 5 5.5
2412 G23
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
VCC = 5V
REF + = 5V
REF – = GND
VREF = 5V
IN+ = VINCM
IN– = VINCM
VIN = 0V
FO = GND
TA = 25°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
2412 G24
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
VCC = 5V
REF + = 5V
REF – = GND
IN+ = 2.5V
IN– = 2.5V
VIN = 0V
FO = GND
VCC (V)
2412 G25
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
REF + = 2.5V
REF – = GND
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VREF (V)
2412 G26
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
VCC = 5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
TEMPERATURE (
°C)
2412 G27
3
2
1
0
–1
–2
–3
–45 –30 –15
0
15
30
45
60
75
90
VCC = 5V
REF + = 5V
REF – = GND
IN+ = 2.5V
IN– = GND
FO = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com