Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 28Page - Linear Technology LTC2412IGN Datasheet HTML 29Page - Linear Technology LTC2412IGN Datasheet HTML 30Page - Linear Technology LTC2412IGN Datasheet HTML 31Page - Linear Technology LTC2412IGN Datasheet HTML 32Page - Linear Technology LTC2412IGN Datasheet HTML 33Page - Linear Technology LTC2412IGN Datasheet HTML 34Page - Linear Technology LTC2412IGN Datasheet HTML 35Page - Linear Technology LTC2412IGN Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
LTC2412
34
2412f
APPLICATIO S I FOR ATIO
Figure 40. Measured Input Normal Mode Rejection vs Input Frequency with Input Perturbation of 150% Full Scale (50Hz Notch)
INPUT FREQUENCY (Hz)
0
2412 F40
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
FO = 5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
12.5
25
37.5
50
62.5
75
87.5 100 112.5 125 137.5 150 162.5 175 187.5 200
Figure 39. Measured Input Normal Mode Rejection vs Input Frequency with Input Perturbation of 150% Full Scale (60Hz Notch)
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2412 F39
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com