Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 13Page - Linear Technology LTC2412IGN Datasheet HTML 14Page - Linear Technology LTC2412IGN Datasheet HTML 15Page - Linear Technology LTC2412IGN Datasheet HTML 16Page - Linear Technology LTC2412IGN Datasheet HTML 17Page - Linear Technology LTC2412IGN Datasheet HTML 18Page - Linear Technology LTC2412IGN Datasheet HTML 19Page - Linear Technology LTC2412IGN Datasheet HTML 20Page - Linear Technology LTC2412IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTC2412
17
2412f
APPLICATIO S I FOR ATIO
anytime a LOW-to-HIGH transition is detected at the CS
pin after the converter has entered the data output state
(i.e., after the first rising edge of SCK occurs with
CS = LOW).
Finally, CS can be used to control the free-running modes
of operation, see Serial Interface Timing Modes section.
Grounding CS will force the ADC to continuously convert
at the maximum output rate selected by FO.
SERIAL INTERFACE TIMING MODES
The LTC2412’s 3-wire interface is SPI and MICROWIRE
compatible. This interface offers several flexible modes of
operation. These include internal/external serial clock,
2- or 3-wire I/O, single cycle conversion and autostart. The
following sections describe each of these serial interface
timing modes in detail. In all these cases, the converter
can use the internal oscillator (FO = LOW or FO = HIGH) or
an external oscillator connected to the FO pin. Refer to
Table 4 for a summary.
External Serial Clock, Single Cycle Operation
(SPI/MICROWIRE Compatible)
This timing mode uses an external serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 5.
The serial clock mode is selected on the falling edge of CS.
To select the external serial clock mode, the serial clock pin
(SCK) must be LOW during each CS falling edge.
Figure 5. External Serial Clock, Single Cycle Operation
Table 4. LTC2412 Interface Timing Modes
Conversion
Data
Connection
SCK
Cycle
Output
and
Configuration
Source
Control
Control
Waveforms
External SCK, Single Cycle Conversion
External
CS and SCK
CS and SCK
Figures 5, 6
External SCK, 2-Wire I/O
External
SCK
SCK
Figure 7
Internal SCK, Single Cycle Conversion
Internal
CS
↓
CS
↓
Figures 8, 9
Internal SCK, 2-Wire I/O, Continuous Conversion
Internal
Continuous
Internal
Figure 10
EOC
BIT 31
SDO
SCK
(EXTERNAL)
CS
TEST EOC
SUB LSB
MSB
SIG
CH0/CH1
BIT 0
LSB
BIT 5
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
SLEEP
SLEEP
TEST EOC
(OPTIONAL)
DATA OUTPUT
CONVERSION
2412 F05
CONVERSION
Hi-Z
Hi-Z
Hi-Z
TEST EOC
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
VCC
VCC
FO
REF+
SCK
CH1+
CH1–
SDO
GND
CS
114
2
3
13
6
7
12
8, 9, 10, 15, 16
11
REFERENCE
VOLTAGE
0.1V TO VCC
CH0+
CH0–
4
5
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
1
µF
2.7V TO 5.5V
LTC2412
3-WIRE
SPI INTERFACE
REF–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com