Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 7Page - Linear Technology LTC2412IGN Datasheet HTML 8Page - Linear Technology LTC2412IGN Datasheet HTML 9Page - Linear Technology LTC2412IGN Datasheet HTML 10Page - Linear Technology LTC2412IGN Datasheet HTML 11Page - Linear Technology LTC2412IGN Datasheet HTML 12Page - Linear Technology LTC2412IGN Datasheet HTML 13Page - Linear Technology LTC2412IGN Datasheet HTML 14Page - Linear Technology LTC2412IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC2412
11
2412f
TEST CIRCUITS
FU CTIO AL BLOCK DIAGRA
Figure 1. Functional Block Diagram
PI FU CTIO S
FO (Pin 14): Frequency Control Pin. Digital input that
controls the ADC’s notch frequencies and conversion
time. When the FO pin is connected to VCC (FO = VCC), the
converter uses its internal oscillator and the digital filter
first null is located at 50Hz. When the FO pin is connected
to GND (FO = OV), the converter uses its internal oscillator
and the digital filter first null is located at 60Hz. When FO
is driven by an external clock signal with a frequency fEOSC,
the converter uses this signal as its system clock and the
digital filter first null is located at a frequency fEOSC/2560.
AUTOCALIBRATION
AND CONTROL
DECIMATING FIR
CH0/CH1
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
PING-PONG
DIFFERENTIAL
3RD ORDER
∆Σ MODULATOR
+–
MUX
GND
REF+
CH0+
IN+
IN–
CH0–
CH1+
CH1–
REF –
VCC
SCK
SDO
CS
FO
(INT/EXT)
2412 FD
1.69k
SDO
2412 TA03
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
1.69k
SDO
2412 TA04
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com