Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2412IGN Datasheet HTML 1Page - Linear Technology LTC2412IGN Datasheet HTML 2Page - Linear Technology LTC2412IGN Datasheet HTML 3Page - Linear Technology LTC2412IGN Datasheet HTML 4Page - Linear Technology LTC2412IGN Datasheet HTML 5Page - Linear Technology LTC2412IGN Datasheet HTML 6Page - Linear Technology LTC2412IGN Datasheet HTML 7Page - Linear Technology LTC2412IGN Datasheet HTML 8Page - Linear Technology LTC2412IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC2412
1
2412f
The LTC
®2412 is a 2-channel differential input micropower
24-bit No Latency
∆ΣTM analog-to-digital converter with
an integrated oscillator. It provides 2ppm INL and 0.16ppm
RMS noise over the entire supply range. The two differen-
tial channels are converted alternately with channel ID
included in the conversion results. It uses delta-sigma
technology and provides single conversion settling of the
digital filter. Through a single pin, the LTC2412 can be
configured for better than 110dB input differential mode
rejection at 50Hz or 60Hz
±2%, or it can be driven by an
external oscillator for a user defined rejection frequency.
The internal oscillator requires no external frequency
setting components.
The converter accepts any external differential reference
voltage from 0.1V to VCC for flexible ratiometric and
remote sensing measurement configurations. The full-
scale differential input range is from – 0.5VREF to 0.5VREF.
The reference common mode voltage, VREFCM, and the
input common mode voltage, VINCM, may be indepen-
dently set anywhere within the GND to VCC. The DC
common mode input rejection is better than 140dB.
The LTC2412 communicates through a flexible 3-wire
digital interface which is compatible with SPI and
MICROWIRE
TM protocols.
s
Direct Sensor Digitizer
s
Weight Scales
s
Direct Temperature Measurement
s
Gas Analyzers
s
Strain-Gage Transducers
s
Instrumentation
s
Data Acquisition
s
Industrial Process Control
s
6-Digit DVMs
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
2-Channel Differential Input with Automatic
Channel Selection (Ping-Pong)
s
Low Supply Current: 200
µA, 4µA in Autosleep
s
Differential Input and Differential Reference with
GND to VCC Common Mode Range
s
2ppm INL, No Missing Codes
s
2.5ppm Full-Scale Error and 0.1ppm Offset
s
0.16ppm Noise, 22.5 Effective Number of Bits
s
No Latency: Digital Filter Settles in a Single Cycle and
Each Channel Conversion is Accurate
s
Internal Oscillator—No External Components
Required
s
110dB Min, 50Hz or 60Hz Notch Filter
s
Narrow SSOP-16 Package
s
Single Supply 2.7V to 5.5V Operation
2-Channel Differential Input
24-Bit No Latency
∆Σ ADC
No Latency
∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
VCC
REF+
FO
CH0+
CH0–
SCK
REF–
CH1+
SDO
GND
CS
114
4
13
3
5
THERMOCOUPLE
6
CH1–
7
12
8, 9, 10, 15, 16
11
2412 TA01
2
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
3-WIRE
SPI INTERFACE
1
µF
2.7V TO 5.5V
LTC2412
VCC
VIN (V)
–1.5
–0.5
0.5
1.5
–1.0
0
1.0
–1.5
–0.5
0.5
1.5
2412 TA02
2.5
–2
–2.5
–1
0
1
2
TA = 90°C
TA = –45°C
TA = 25°C
VCC = 5V
REF+ = 5V
REF– = GND
VREF = 5V
VINCM = 2.5V
FO = GND
Total Unadjusted Error vs Input
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC2412IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
2-Channel Differential Input 24-Bit No Latency ADC
More results

Similar Description - LTC2412IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
2-Channel Differential Input 16-Bit No Latency DS ADC
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
Differential Input 16-Bit No Latency DS ADC
logo
Linear Technology
LTC2411 LINER-LTC2411 Datasheet
489Kb / 40P
24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2433-1 LINER-LTC2433-1 Datasheet
298Kb / 28P
Differential Input 16-Bit No Latency DS ADC
LTC2433-1 LINER-LTC2433-1_15 Datasheet
304Kb / 28P
Differential Input 16-Bit No Latency ADC
LTC2436-1 LINER-LTC2436-1_15 Datasheet
302Kb / 28P
2-Channel Differential Input 16-Bit No Latency ADC
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
2-Channel Differential Input 24-Bit No Latency ADC
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
24-Bit No Latency ADC with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com