Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 8Page - Linear Technology LTC2412IGN Datasheet HTML 9Page - Linear Technology LTC2412IGN Datasheet HTML 10Page - Linear Technology LTC2412IGN Datasheet HTML 11Page - Linear Technology LTC2412IGN Datasheet HTML 12Page - Linear Technology LTC2412IGN Datasheet HTML 13Page - Linear Technology LTC2412IGN Datasheet HTML 14Page - Linear Technology LTC2412IGN Datasheet HTML 15Page - Linear Technology LTC2412IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTC2412
12
2412f
CONVERTER OPERATION
Converter Operation Cycle
The LTC2412 is a low power,
∆Σ ADC with automatic
alternate channel selection between the two differential
channels and an easy-to-use 3-wire serial interface (see
Figure 1). Channel 0 is selected automatically at power up
and the two channels are selected alternately afterwards
(ping-pong). Its operation is made up of three states. The
converter operating cycle begins with the conversion,
followed by the low power sleep state and ends with the
data output (see Figure 2). The 3-wire interface consists
of serial data output (SDO), serial clock (SCK) and chip
select (CS).
Initially, the LTC2412 performs a conversion. Once the
conversion is complete, the device enters the sleep state.
The part remains in the sleep state as long as CS is HIGH.
While in this sleep state, power consumption is reduced by
nearly two orders of magnitude. The conversion result is
held indefinitely in a static shift register while the converter
is in the sleep state.
Once CS is pulled LOW, the device exits the low power
mode and enters the data output state. If CS is pulled HIGH
before the first rising edge of SCK, the device returns to the
low power sleep mode and the conversion result is still
held in the internal static shift register. If CS remains LOW
after the first rising edge of SCK, the device begins
outputting the conversion result. Taking CS high at this
point will terminate the data output state and start a new
conversion. There is no latency in the conversion result.
The data output corresponds to the conversion just per-
formed. This result is shifted out on the serial data out pin
(SDO) under the control of the serial clock (SCK). Data is
updated on the falling edge of SCK allowing the user to
reliably latch data on the rising edge of SCK (see Figure 3).
The data output state is concluded once 32 bits are read
out of the ADC or when CS is brought HIGH. The device
automatically initiates a new conversion and the cycle
repeats.
Through timing control of the CS and SCK pins, the
LTC2412 offers several flexible modes of operation
(internal or external SCK and free-running conversion
modes). These various modes do not require program-
ming configuration registers; moreover, they do not dis-
turb the cyclic operation described above. These modes of
operation are described in detail in the Serial Interface
Timing Modes section.
Conversion Clock
A major advantage the delta-sigma converter offers over
conventional type converters is an on-chip digital filter
(commonly implemented as a Sinc or Comb filter). For
high resolution, low frequency applications, this filter is
typically designed to reject line frequencies of 50Hz or
60Hz plus their harmonics. The filter rejection perfor-
mance is directly related to the accuracy of the converter
system clock. The LTC2412 incorporates a highly accu-
rate on-chip oscillator. This eliminates the need for exter-
nal frequency setting components such as crystals or
oscillators. Clocked by the on-chip oscillator, the LTC2412
achieves a minimum of 110dB rejection at the line fre-
quency (50Hz or 60Hz
±2%).
Ease of Use
The LTC2412 data output has no latency, filter settling
delay or redundant data associated with the conversion
cycle. There is a one-to-one correspondence between the
conversion and the output data. Therefore, multiplexing
multiple analog voltages is easy.
APPLICATIO S I FOR ATIO
Figure 2. LTC2412 State Transition Diagram
CONVERT
POWER UP
IN+ = CH0+, IN– = CH0–
SLEEP
DATA OUTPUT
SWITCH CHANNEL
2412 F02
TRUE
FALSE
CS = LOW
AND
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com