Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 23Page - Linear Technology LTC2412IGN Datasheet HTML 24Page - Linear Technology LTC2412IGN Datasheet HTML 25Page - Linear Technology LTC2412IGN Datasheet HTML 26Page - Linear Technology LTC2412IGN Datasheet HTML 27Page - Linear Technology LTC2412IGN Datasheet HTML 28Page - Linear Technology LTC2412IGN Datasheet HTML 29Page - Linear Technology LTC2412IGN Datasheet HTML 30Page - Linear Technology LTC2412IGN Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTC2412
27
2412f
APPLICATIO S I FOR ATIO
In addition to this gain error, the converter INL perfor-
mance is degraded by the reference source impedance.
When FO = LOW (internal oscillator and 60Hz notch), every
100
Ω of source resistance driving REF+ or REF– translates
into about 1.34ppm additional INL error. When FO = HIGH
(internal oscillator and 50Hz notch), every 100
Ω of source
resistance driving REF+ or REF– translates into about
1.1ppm additional INL error. When FO is driven by an
external oscillator with a frequency fEOSC, every 100Ω of
source resistance driving REF+ or REF– translates into
about 8.73 • 10–6 • fEOSCppm additional INL error.
Figure 22 shows the typical INL error due to the source
resistance driving the REF+ or REF– pins when large CREF
values are used. The effect of the source resistance on the
two reference pins is additive with respect to this INL error.
In general, matching of source impedance for the REF+
and REF– pins does not help the gain or the INL error. The
user is thus advised to minimize the combined source
impedance driving the REF+ and REF– pins rather than to
try to match it.
The magnitude of the dynamic reference current depends
upon the size of the very stable internal sampling capaci-
tors and upon the accuracy of the converter sampling
clock. The accuracy of the internal clock over the entire
temperature and power supply range is typical better than
0.5%. Such a specification can also be easily achieved by
an external clock. When relatively stable resistors
Figure 18. +FS Error vs RSOURCE at REF+ or REF– (Small CIN)
Figure 19. –FS Error vs RSOURCE at REF
+ or REF– (Small CIN)
Figure 20. +FS Error vs RSOURCE at REF+ and REF– (Large CREF)
Figure 21. –FS Error vs RSOURCE at REF+ and REF– (Large CREF)
RSOURCE (Ω)
1
10
100
1k
10k
100k
2412 F18
0
–10
–20
–30
–40
–50
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 5V
IN – = 2.5V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
1
10
100
1k
10k
100k
2412 F19
50
40
30
20
10
0
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = GND
IN – = 2.5V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
0 100 200 300 400 500 600 700 800 900 1000
2412 F20
0
–90
–180
–270
–360
–450
VCC = 5V
REF+ = 5V
REF– = GND
IN+ = 3.75V
IN – = 1.25V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.1µF
CREF = 1µF, 10µF
RSOURCE (Ω)
0 100 200 300 400 500 600 700 800 900 1000
2412 F21
450
360
270
180
90
0
VCC = 5V
REF+ = 5V
REF– = GND
IN+ = 1.25V
IN – = 3.75V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.1µF
CREF = 1µF, 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com