Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 24Page - Linear Technology LTC2412IGN Datasheet HTML 25Page - Linear Technology LTC2412IGN Datasheet HTML 26Page - Linear Technology LTC2412IGN Datasheet HTML 27Page - Linear Technology LTC2412IGN Datasheet HTML 28Page - Linear Technology LTC2412IGN Datasheet HTML 29Page - Linear Technology LTC2412IGN Datasheet HTML 30Page - Linear Technology LTC2412IGN Datasheet HTML 31Page - Linear Technology LTC2412IGN Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LTC2412
28
2412f
APPLICATIO S I FOR ATIO
(50ppm/
°C) are used for the external source impedance
seen by REF+ and REF–, the expected drift of the dynamic
current gain error will be insignificant (about 1% of its
value over the entire temperature and voltage range). Even
for the most stringent applications a one-time calibration
operation may be sufficient.
In addition to the reference sampling charge, the reference
pins ESD protection diodes have a temperature dependent
leakage current. This leakage current, nominally 1nA
(
±10nA max), results in a small gain error. A 100Ω source
resistance will create a 0.05
µV typical and 0.5µV maxi-
mum full-scale error.
Output Data Rate
When using its internal oscillator, the LTC2412 can pro-
duce up to 7.5 readings per second with a notch frequency
of 60Hz (FO = LOW) and 6.25 readings per second with a
notch frequency of 50Hz (FO = HIGH). The actual output
data rate will depend upon the length of the sleep and data
output phases which are controlled by the user and which
can be made insignificantly short. When operated with an
external conversion clock (FO connected to an external
oscillator), the LTC2412 output data rate can be increased
as desired. The duration of the conversion phase is 20510/
fEOSC. If fEOSC = 153600Hz, the converter behaves as if the
internal oscillator is used and the notch is set at 60Hz.
There is no significant difference in the LTC2412 perfor-
mance between these two operation modes.
An increase in fEOSC over the nominal 153600Hz will
translate into a proportional increase in the maximum
output data rate. This substantial advantage is neverthe-
less accompanied by three potential effects, which must
be carefully considered.
First, a change in fEOSC will result in a proportional change
in the internal notch position and in a reduction of the
converter differential mode rejection at the power line
frequency. In many applications, the subsequent perfor-
mance degradation can be substantially reduced by rely-
ing upon the LTC2412’s exceptional common mode
rejection and by carefully eliminating common mode to
differential mode conversion sources in the input circuit.
The user should avoid single-ended input filters and
should maintain a very high degree of matching and
symmetry in the circuits driving the IN+ and IN– pins.
Second, the increase in clock frequency will increase
proportionally the amount of sampling charge transferred
through the input and the reference pins. If large external
input and/or reference capacitors (CIN, CREF) are used, the
previous section provides formulae for evaluating the
effect of the source resistance upon the converter perfor-
mance for any value of fEOSC. If small external input and/
or reference capacitors (CIN, CREF) are used, the effect of
the external source resistance upon the LTC2412 typical
performance can be inferred from Figures 13, 14, 18 and
19 in which the horizontal axis is scaled by 153600/fEOSC.
Third, an increase in the frequency of the external oscilla-
tor above 460800Hz (a more than 3
× increaseintheoutput
data rate) will start to decrease the effectiveness of the
internal autocalibration circuits. This will result in a pro-
gressive degradation in the converter accuracy and linear-
ity. Typical measured performance curves for output data
rates up to 100 readings per second are shown in Fig-
ures 23, 24, 25, 26, 27, 28, 29 and 30. In order to obtain
the highest possible level of accuracy from this converter
at output data rates above 20 readings per second, the
user is advised to maximize the power supply voltage used
and to limit the maximum ambient operating temperature.
In certain circumstances, a reduction of the differential
reference voltage may be beneficial.
Figure 22. INL vs Differential Input Voltage (VIN = IN
+ – IN–)
and Reference Source Resistance (RSOURCE at REF+ and REF–
for Large CREF Values (CREF ≥ 1µF)
VINDIF/VREFDIF
–0.5 –0.4–0.3–0.2–0.1 0
0.1 0.2 0.3 0.4 0.5
15
12
9
6
3
0
–3
–6
–9
–12
–15
VCC = 5V
REF+ = 5V
REF– = GND
VINCM = 0.5 • (IN
+ + IN–) = 2.5V
FO = GND
CREF = 10µF
TA = 25°C
RSOURCE = 1000Ω
RSOURCE = 500Ω
RSOURCE = 100Ω
2412 F22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com