Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 20Page - Linear Technology LTC2412IGN Datasheet HTML 21Page - Linear Technology LTC2412IGN Datasheet HTML 22Page - Linear Technology LTC2412IGN Datasheet HTML 23Page - Linear Technology LTC2412IGN Datasheet HTML 24Page - Linear Technology LTC2412IGN Datasheet HTML 25Page - Linear Technology LTC2412IGN Datasheet HTML 26Page - Linear Technology LTC2412IGN Datasheet HTML 27Page - Linear Technology LTC2412IGN Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTC2412
24
2412f
APPLICATIO S I FOR ATIO
For a simple approximation, the source impedance RS
driving an analog input pin (IN+, IN–, REF+ or REF–) can be
considered to form, together with RSW and CEQ (see
Figure 11), a first order passive network with a time
constant
τ = (RS + RSW) • CEQ. The converter is able to
sample the input signal with better than 1ppm accuracy if
the sampling period is at least 14 times greater than the
input circuit time constant
τ. The sampling process on the
four input analog pins is quasi-independent so each time
constant should be considered by itself and, under worst-
case circumstances, the errors may add.
When using the internal oscillator (FO = LOW or HIGH), the
LTC2412’s front-end switched-capacitor network is clocked
at 76800Hz corresponding to a 13
µs sampling period.
Thus, for settling errors of less than 1ppm, the driving
source impedance should be chosen such that
τ≤13µs/14
= 920ns. When an external oscillator of frequency fEOSC is
used, the sampling period is 2/fEOSC and, for a settling
error of less than 1ppm,
τ ≤ 0.14/fEOSC.
Input Current
If complete settling occurs on the input, conversion re-
sults will be unaffected by the dynamic input current. An
incomplete settling of the input signal sampling process
may result in gain and offset errors, but it will not degrade
the INL performance of the converter. Figure 11 shows the
mathematical expressions for the average bias currents
flowing through the IN+ and IN– pins as a result of the
sampling charge transfers when integrated over a sub-
stantial time period (longer than 64 internal clock cycles).
The effect of this input dynamic current can be analyzed
using the test circuit of Figure 12. The CPAR capacitor
includes the LTC2412 pin capacitance (5pF typical) plus
the capacitance of the test fixture used to obtain the results
shown in Figures 13 and 14. A careful implementation can
bring the total input capacitance (CIN + CPAR) closer to 5pF
thus achieving better performance than the one predicted
by Figures 13 and 14. For simplicity, two distinct situa-
tions can be considered.
For relatively small values of input capacitance (CIN <
0.01
µF), the voltage on the sampling capacitor settles
almost completely and relatively large values for the
source impedance result in only small errors. Such values
CIN
2412 F12
VINCM + 0.5VIN
RSOURCE
IN+
LTC2412
CPAR
≅20pF
CIN
VINCM – 0.5VIN
RSOURCE
IN –
CPAR
≅20pF
Figure 12. An RC Network at IN+ and IN–
Figure 14. –FS Error vs RSOURCE at IN+ or IN– (Small CIN)
Figure 13. +FS Error vs RSOURCE at IN+ or IN– (Small CIN)
RSOURCE (Ω)
1
10
100
1k
10k
100k
2412 F13
50
40
30
20
10
0
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 5V
IN– = 2.5V
FO = GND
TA = 25°C
CIN = 0.01µF
CIN = 0.001µF
CIN = 100pF
CIN = 0pF
RSOURCE (Ω)
1
10
100
1k
10k
100k
2412 F14
0
–10
–20
–30
–40
–50
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = GND
IN– = 2.5V
FO = GND
TA = 25°C
CIN = 0.01µF
CIN = 0.001µF
CIN = 100pF
CIN = 0pF
for CIN will deteriorate the converter offset and gain
performance without significant benefits of signal filtering
and the user is advised to avoid them. Nevertheless, when
small values of CIN are unavoidably present as parasitics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com