Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 5Page - Linear Technology LTC2412IGN Datasheet HTML 6Page - Linear Technology LTC2412IGN Datasheet HTML 7Page - Linear Technology LTC2412IGN Datasheet HTML 8Page - Linear Technology LTC2412IGN Datasheet HTML 9Page - Linear Technology LTC2412IGN Datasheet HTML 10Page - Linear Technology LTC2412IGN Datasheet HTML 11Page - Linear Technology LTC2412IGN Datasheet HTML 12Page - Linear Technology LTC2412IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC2412
9
2412f
TYPICAL PERFOR A CE CHARACTERISTICS
– Full-Scale Error
vs Temperature (TA)
+ Full-Scale Error vs VREF
+ Full-Scale Error vs VCC
PSRR vs Frequency at VCC
– Full-Scale Error vs VREF
– Full-Scale Error vs VCC
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
VCC (V)
2412 G28
3
2
1
0
–1
–2
–3
REF + = 2.5V
REF – = GND
VREF = 2.5V
IN+ = 1.25V
IN– = GND
FO = GND
TA = 25°C
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VREF (V)
2412 G29
3
2
1
0
–1
–2
–3
VCC = 5V
REF + = VREF
REF – = GND
IN+ = 0.5 • REF+
IN– = GND
FO = GND
TA = 25°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
TEMPERATURE (
°C)
2412 G30
3
2
1
0
–1
–2
–3
–45 –30 –15
0
15
30
45
60
75
90
VCC = 5V
REF + = 5V
REF – = GND
IN+ = GND
IN– = 2.5V
FO = GND
VCC (V)
2412 G31
3
2
1
0
–1
–2
–3
REF + = 2.5V
REF – = GND
VREF = 2.5V
IN+ = GND
IN– = 1.25V
FO = GND
TA = 25°C
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VREF (V)
2412 G32
3
2
1
0
–1
–2
–3
VCC = 5V
REF + = VREF
REF – = GND
IN+ = GND
IN– = 0.5 • REF+
FO = GND
TA = 25°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
FREQUENCY AT VCC (Hz)
2412 G33
0
–20
–40
–60
–80
–100
–120
–140
0.01
0.1
1
10
100
VCC = 4.1VDC ± 1.4V
REF + = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
1
0
–20
–40
–60
–80
–100
–120
–140
1k
100k
2412 G34
10
100
10k
1M
VCC = 4.1VDC
REF + = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–60
–40
–20
120
210
2412 G35
–80
–100
30
60
150 180
–120
–140
0
90
240
VCC = 4.1VDC ±1.4V
REF + = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
15250
–60
–40
0
15400
2412 G36
–80
–100
15300
15350
15450
–120
–140
–20
VCC = 4.1VDC ±0.7VP-P
REF + = 2.5V
REF – = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com