Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 25Page - Linear Technology LTC2412IGN Datasheet HTML 26Page - Linear Technology LTC2412IGN Datasheet HTML 27Page - Linear Technology LTC2412IGN Datasheet HTML 28Page - Linear Technology LTC2412IGN Datasheet HTML 29Page - Linear Technology LTC2412IGN Datasheet HTML 30Page - Linear Technology LTC2412IGN Datasheet HTML 31Page - Linear Technology LTC2412IGN Datasheet HTML 32Page - Linear Technology LTC2412IGN Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC2412
29
2412f
APPLICATIO S I FOR ATIO
Figure 23. Offset Error vs Output Data Rate and Temperature
Figure 24. +FS Error vs Output Data Rate and Temperature
Figure 25. –FS Error vs Output Data Rate and Temperature
Figure 26. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 27. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 28. Offset Error vs Output
Data Rate and Reference Voltage
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2412 F23
500
450
400
350
300
250
200
150
100
50
0
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
VIN = 0V
FO = EXTERNAL OSCILLATOR
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2412 F24
7000
6000
5000
4000
3000
2000
1000
0
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 3.75V
IN – = 1.25V
FO = EXTERNAL OSCILLATOR
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2412 F25
0
–1000
–2000
–3000
–4000
–5000
–6000
–7000
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 1.25V
IN – = 3.75V
FO = EXTERNAL OSCILLATOR
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2412 F26
24
23
22
21
20
19
18
17
16
15
14
13
12
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
VIN = 0V
FO = EXTERNAL OSCILLATOR
RESOLUTION = LOG2(VREF/NOISERMS)
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2412 F27
22
20
18
16
14
12
10
8
TA = 85°C
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
–2.5V < VIN < 2.5V
FO = EXTERNAL OSCILLATOR
RESOLUTION = LOG2(VREF/INLMAX)
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
102030405060708090 100
2412 F28
250
225
200
175
150
125
100
75
50
25
0
VREF = 5V
VCC = 5V
REF+ = GND
VINCM = 2.5V
VIN = 0V
FO = EXTERNAL OSCILLATOR
TA = 25°C
VREF = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com