Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 2Page - Linear Technology LTC2412IGN Datasheet HTML 3Page - Linear Technology LTC2412IGN Datasheet HTML 4Page - Linear Technology LTC2412IGN Datasheet HTML 5Page - Linear Technology LTC2412IGN Datasheet HTML 6Page - Linear Technology LTC2412IGN Datasheet HTML 7Page - Linear Technology LTC2412IGN Datasheet HTML 8Page - Linear Technology LTC2412IGN Datasheet HTML 9Page - Linear Technology LTC2412IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC2412
6
2412f
TYPICAL PERFOR A CE CHARACTERISTICS
Total Unadjusted Error vs
Temperature (VCC = 2.7V,
VREF = 2.5V)
Total Unadjusted Error vs
Temperature (VCC = 5V,
VREF = 2.5V)
Total Unadjusted Error vs
Temperature (VCC = 5V,
VREF = 5V)
Integral Nonlinearity vs
Temperature (VCC = 2.7V,
VREF = 2.5V)
Integral Nonlinearity vs
Temperature (VCC = 5V,
VREF = 2.5V)
Integral Nonlinearity vs
Temperature (VCC = 5V,
VREF = 5V)
Noise Histogram (Output Rate =
52.5Hz, VCC = 5V, VREF = 5V)
Noise Histogram (Output Rate =
22.5Hz, VCC = 5V, VREF = 5V)
Noise Histogram (Output Rate =
7.5Hz, VCC = 5V, VREF = 5V)
VIN (V)
–2.5 –2 –1.5 –1 –0.5 0
0.5
1
1.5
2
2.5
2412 G01
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5V
REF + = 5V
REF – = GND
VREF = 5V
VINCM = 2.5V
FO = GND
TA = 90°C
TA = 25°C
TA = –45°C
VIN (V)
–1
–0.5
0
0.5
1
2412 G02
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5V
REF + = 2.5V
REF – = GND
VREF = 2.5V
VINCM = 1.25V
FO = GND
TA = 90°C
TA = 25°C
TA = –45°C
VIN (V)
–1
–0.5
0
0.5
1
2412 G03
10
8
6
4
2
0
–2
–4
–6
–8
–10
VCC = 2.7V
REF + = 2.5V
REF – = GND
VREF = 2.5V
VINCM = 1.25V
FO = GND
TA = 90°C
TA = 25°C
TA = –45°C
VIN (V)
–2.5 –2 –1.5 –1 –0.5 0
0.5
1
1.5
2
2.5
2412 G04
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5V
REF + = 5V
REF – = GND
VREF = 5V
VINCM = 2.5V
FO = GND
TA = –45°C
TA = 25°C
TA = 90°C
VIN (V)
–1
–0.5
0
0.5
1
2412 G05
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VCC = 5V
REF + = 2.5V
REF – = GND
VREF = 2.5V
VINCM = 1.25V
FO = GND
TA = 25°C
TA = –45°C
TA = 90°C
VIN (V)
–1
–0.5
0
0.5
1
2412 G06
10
8
6
4
2
0
–2
–4
–6
–8
–10
VREF = 2.5V
VINCM = 1.25V
FO = GND
VCC = 2.7V
REF + = 2.5V
REF – = GND
TA = 25°C
TA = –45°C
TA = 90°C
OUTPUT CODE (ppm OF VREF)
–0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
2412 G07
12
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
REF + = 5V
REF – = GND
IN+ = 2.5V
IN– = 2.5V
FO = GND
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = 0.105ppm
σ = 0.153ppm
OUTPUT CODE (ppm OF VREF)
–0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
2412 G08
12
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
REF + = 5V
REF – = GND
IN+ = 2.5V
IN– = 2.5V
FO = 460800Hz
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = 0.067ppm
σ = 0.151ppm
OUTPUT CODE (ppm OF VREF)
–9.8 –9.4 –9 –8.6 –8.2 –7.8 –7.4 –7 –6.6
2412 G09
12
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
REF + = 5V
REF – = GND
IN+ = 2.5V
IN– = 2.5V
FO = 1075200Hz
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = 8.285ppm
σ = 0.311ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com