Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2412IGN Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2412IGN
Description  2-Channel Differential Input 24-Bit No Latency DS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2412IGN Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2412IGN Datasheet HTML 28Page - Linear Technology LTC2412IGN Datasheet HTML 29Page - Linear Technology LTC2412IGN Datasheet HTML 30Page - Linear Technology LTC2412IGN Datasheet HTML 31Page - Linear Technology LTC2412IGN Datasheet HTML 32Page - Linear Technology LTC2412IGN Datasheet HTML 33Page - Linear Technology LTC2412IGN Datasheet HTML 34Page - Linear Technology LTC2412IGN Datasheet HTML 35Page - Linear Technology LTC2412IGN Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC2412
32
2412f
APPLICATIO S I FOR ATIO
Figure 36 (rejection at fS = 256fN) where fN represents the
notch frequency. These curves have been derived for the
external oscillator mode but they can be used in all
operating modes by appropriately selecting the fN value.
The user can expect to achieve in practice this level of
performance using the internal oscillator as it is demon-
strated by Figures 37 and 38. Typical measured values of
the normal mode rejection of the LTC2412 operating with
an internal oscillator and a 60Hz notch setting are shown
in Figure 37 superimposed over the theoretical calculated
curve. Similarly, typical measured values of the normal
mode rejection of the LTC2412 operating with an internal
oscillator and a 50Hz notch setting are shown in Figure 38
superimposed over the theoretical calculated curve.
As a result of these remarkable normal mode specifica-
tions, minimal (if any) antialias filtering is required in front
of the LTC2412. If passive RC components are placed in
front of the LTC2412, the input dynamic current should be
considered (see Input Current section). In cases where
large effective RC time constants are used, an external
buffer amplifier may be required to minimize the effects of
dynamic input current.
Traditional high order delta-sigma modulators, while pro-
viding very good linearity and resolution, suffer from po-
tential instabilities at large input signal levels. The
proprietary architecture used for the LTC2412 third order
modulator resolves this problem and guarantees a pre-
dictable stable behavior at input signal levels of up to 150%
INPUT SIGNAL FREQUENCY (Hz)
2412 F35
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2412 F36
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 35. Input Normal Mode Rejection
Figure 36. Input Normal Mode Rejection
Figure 37. Input Normal Mode Rejection vs Input Frequency
with Input Perturbation of 100% Full Scale (60Hz Notch)
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2412 F37
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
VIN(P-P) = 5V
FO = GND
TA = 25°C
MEASURED DATA
CALCULATED DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com