Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 15 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 15 Page - uPI Group Inc.

Back Button UP9303ASAC Datasheet HTML 10Page - uPI Group Inc. UP9303ASAC Datasheet HTML 11Page - uPI Group Inc. UP9303ASAC Datasheet HTML 12Page - uPI Group Inc. UP9303ASAC Datasheet HTML 13Page - uPI Group Inc. UP9303ASAC Datasheet HTML 14Page - uPI Group Inc. UP9303ASAC Datasheet HTML 15Page - uPI Group Inc. UP9303ASAC Datasheet HTML 16Page - uPI Group Inc. UP9303ASAC Datasheet HTML 17Page - uPI Group Inc. UP9303ASAC Datasheet HTML 18Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
uP9303
15
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
specified in two methods: permissible DC current and
saturation current. Permissible DC current is the allowable
DC current that causes 40OC temperature raise. The
saturation current is the allowable current that causes 10%
inductance loss. Make sure that the inductor will not
saturate over the operation conditions including
temperature range, input voltage range, and maximum
output current.
The size requirements refer to the area and height
requirement for a particular design. For better efficiency,
choose a low DC resistance inductor. DCR is usually
inversely proportional to size.
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
electrical characteristics. The choice of which style
inductor to use often depends more on the price vs. size
requirements and any radiated field/EMI requirements.
Input Capacitor Selection
The synchronous-rectified buck converter draws pulsed
current with sharp edges from the input capacitor resulting
in ripples and spikes at the input supply voltage. Use a
mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic
capacitors for high frequency decoupling and bulk
capacitors to supply the current needed each time upper
MOSFET turns on. Place the small ceramic capacitors
physically close to the MOSFETs and between the drain
of upper MOSET and the source of lower MOSFET to
avoid the stray inductance along the connection trace.
The important parameters for the bulk input capacitor are
the voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum
input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current rating
requirement for the input capacitor of a buck converter is
calculated as:
IN
OUT
IN
OUT
)
MAX
(
OUT
)
RMS
(
IN
V
)
V
V
(
V
I
I
=
This formula has a maximum at VIN = 2VOUT, where
IIN(RMS) = IOUT(RMS)/2. This simple worst-case condition
is commonly used for design because even significant
deviations do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
2000 hours of life. This makes it advisable to further derate
the capacitor, or choose a capacitor rated at a higher
temperature than required. Always consult the
manufacturer if there is any question.
For a through-hole design, several electrolytic capacitors
may be needed. For surface mount designs, solid tantalum
capacitors can also be used, but caution must be exercised
with regard to the capacitor surge current rating. These
capacitors must be capable of handling the surge-current
at power-up. Some capacitor series available from
reputable manufacturers are surge current tested.
Output Capacitor Selection
An output capacitor is required to filter the output and
supply the load transient current. The selection of COUT
is primarily determined by the ESR required to minimize
voltage ripple and load step transients. The output ripple
VOUT is approximately bounded by:
)
C
f
8
1
ESR
(
I
V
OUT
OSC
L
OUT
×
×
+
Since ∆IL increases with input voltage, the output ripple is
highest at maximum input voltage. Typically, once the ESR
requirement is satisfied, the capacitance is adequate for
filtering and has the necessary RMS current rating. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirements. Dry
tantalum, special polymer, aluminum electrolytic and
ceramic capacitors are all available in surface mount
packages. Special polymer capacitors offer very low ESR
but have lower capacitance density than other types.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout. Modern components and
loads are capable of producing transient load rates above
1A/ns. High frequency capacitors initially supply the
transient and slow the current load rate seen by the bulk
capacitors. The bulk filter capacitor values are generally
determined by the ESR (Effective Series Resistance) and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed
as close to the power pins of the load as physically
possible. Be careful not to add inductance in the circuit
board wiring that could cancel the usefulness of these
low inductance components. Consult with the
manufacturer of the load on specific decoupling
requirements.
Use only specialized low-ESR capacitors intended for
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com