Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 13 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 13 Page - uPI Group Inc.

Back Button UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. UP9303ASAC Datasheet HTML 10Page - uPI Group Inc. UP9303ASAC Datasheet HTML 11Page - uPI Group Inc. UP9303ASAC Datasheet HTML 12Page - uPI Group Inc. UP9303ASAC Datasheet HTML 13Page - uPI Group Inc. UP9303ASAC Datasheet HTML 14Page - uPI Group Inc. UP9303ASAC Datasheet HTML 15Page - uPI Group Inc. UP9303ASAC Datasheet HTML 16Page - uPI Group Inc. UP9303ASAC Datasheet HTML 17Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
uP9303
13
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
UGATEA (20V/Div)
UGATEB
(20V/Div)
CLK
(5V/Div)
VOUTB (2V/Div)
UGATE (20V/Div)
LGATE (20V/Div)
VOUT (2V/Div)
IOUT (10A/Div)
UGATE (20V/Div)
LGATE (20V/Div)
VOUT (2V/Div)
IOUT (10A/Div)
SCP
20ms/Div
OCP
40ms/Div
Typical Operation Characteristics
Operation Mode for uP9303A/B
1us/Div
UGATE (10V/Div)
PHASE (5V/Div)
LGATE (5V/Div)
UGATE-PHASE
(10V/Div)
UGATE (10V/Div)
PHASE (5V/Div)
LGATE (5V/Div)
UGATE-PHASE
(10V/Div)
Gate waveforms
40ns/Div
V
IN = VCC = 12V, ILOAD = 10A
Gate waveforms
40ns/Div
V
IN = VCC = 12V, ILOAD = 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com