Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 16 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 16 Page - uPI Group Inc.

Back Button UP9303ASAC Datasheet HTML 10Page - uPI Group Inc. UP9303ASAC Datasheet HTML 11Page - uPI Group Inc. UP9303ASAC Datasheet HTML 12Page - uPI Group Inc. UP9303ASAC Datasheet HTML 13Page - uPI Group Inc. UP9303ASAC Datasheet HTML 14Page - uPI Group Inc. UP9303ASAC Datasheet HTML 15Page - uPI Group Inc. UP9303ASAC Datasheet HTML 16Page - uPI Group Inc. UP9303ASAC Datasheet HTML 17Page - uPI Group Inc. UP9303ASAC Datasheet HTML 18Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
uP9303
16
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR will determine the output ripple voltage
and the initial voltage drop after a high slew-rate transient.
An aluminum electrolytic capacitor’s ESR value is related
to the case size with lower ESR available in larger case
sizes.
However, the Equivalent Series Inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient
loading.
Unfortunately, ESL is not a specified parameter. Work with
your capacitor supplier and measure the capacitor’s
impedance with frequency to select a suitable component.
In most cases, multiple electrolytic capacitors of small case
size perform better than a single large case capacitor.
Bootstrap Capacitor Selection
An external bootstrap capacitor CBOOT connected to the
BOOT pin supplies the gate drive voltage for the upper
MOSFET. This capacitor is charged through the internal
diode when the PHASE node is low. When the upper
MOSFET turns on, the PHASE node rises to VIN and the
BOOT pin rises to approximately VIN + VCC. The boot
capacitor needs to store about 100 times the gate charge
required by the upper MOSFET. In most applications 0.1uF
to 0.47uF, X5R or X7R dielectric capacitor is adequate.
PCB Layout Considerations
High speed switching and relatively large peak currents
in a synchronous-rectified buck converter make the PCB
layout a very important part of design. Fast current
switching from one device to another in a synchronous-
rectified buck converter causes voltage spikes across the
interconnecting impedances and parasitic circuit elements.
The voltage spikes can degrade efficiency and radiate
noise that result in overvoltage stress on devices. Careful
component placement layout and printed circuit design
minimizes the voltage spikes induced in the converter.
Follow the layout guidelines for optimal performance of
uP9303
1
The upper and lower MOSFETs turn on/off and conduct
pulsed current alternatively with high slew rate transition.
Any inductance in the switched current path generates
a large voltage spike during the switching. The
interconnecting wires indicated by red heavy lines
conduct pulsed current with sharp transient and should
be part of a ground or power plane in a printed circuit
board to minimize the voltage spike. Make all the
connection the top layer with wide, copper filled areas.
2
Place the power components as physically close as
possible.
2.1 Place the input capacitors, especially the high-
frequency ceramic decoupling capacitors, directly
to the drain of upper MOSFET ad the source of the
lower MOSFET. To reduce the ESR replace the
single input capacitor with two parallel units
2.2 Place the output capacitor between the converter
and load.
3
Place the uP9303 near the upper and lower MOSFETs
with pins 1 to 4 facing the power components. Keep
the components connected to pins 4 to 8 close to the
uP9303 and away from the inductor and other noise
sources (noise sensitive components).
4
Use a dedicated grounding plane and use vias to ground
all critical components to this layer. The ground plane
layer should not have any traces and it should be as
close as possible to the layer with power MOSFETs.
Use an immediate via to connect the components to
ground plane including GND of uP9303 Use several
bigger vias for power components.
5
Apply another solid layer as a power plane and cut this
plane into smaller islands of common voltage levels.
The power plane should support the input power and
output power nodes to maintain good voltage filtering
and to keep power losses low. Also, for higher currents,
it is recommended to use a multilayer board to help
with heat sinking power components.
6
The PHASE node is subject to very high dV/dt voltages.
Stray capacitance between this island and the
surrounding circuitry tend to induce current spike and
capacitive noise coupling. Keep the sensitive circuit
away from the PHASE node and keep the PCB area
small to limit the capacitive coupling. However, the PCB
area should be kept moderate since it also acts as
main heat convection path of the lower MOSFET.
7
uP9303 sources/sinks impulse current with 2A peak to
turn on/off the upper and lower MOSFETs. The
connecting trance between the controller and gate/
source of the MOSFET should be wide and short to
minimize the parasitic inductance along the traces.
8
Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise
of power component.
9
Provide local VCC decoupling between VCC and GND
pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins.
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com