Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 11 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 11 Page - uPI Group Inc.

Back Button UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. UP9303ASAC Datasheet HTML 10Page - uPI Group Inc. UP9303ASAC Datasheet HTML 11Page - uPI Group Inc. UP9303ASAC Datasheet HTML 12Page - uPI Group Inc. UP9303ASAC Datasheet HTML 13Page - uPI Group Inc. UP9303ASAC Datasheet HTML 14Page - uPI Group Inc. UP9303ASAC Datasheet HTML 15Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
uP9303
11
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
Typical Operation Characteristics
UGATE (20V/Div)
VOUT (5V/Div)
VSS (5V/Div)
VCC (5V/Div)
UGATE (20V/Div)
VOUT (5V/Div)
VSS (5V/Div)
VCC (5V/Div)
Output Voltage vs. Temperature
Temperature (OC)
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
0.3
0.6
-40
-20
0
20406080
100
120
Frequency vs. Temperature
Temperature (OC)
150
160
170
180
190
200
210
220
230
240
-40
-20
0
20
40
60
80
100 120 140
Power Off Waveforms for uP9303A
40ms/Div
V
IN = VCC = 12V, No Load
Power On Waveforms for uP9303A
4ms/Div
V
IN = VCC = 12V, No Load
25
26
27
28
29
30
31
-40
0
40
80
120
160
180
185
190
195
200
205
210
-40
0
40
80
120
160
I
OCP vs. Temperature
Temperature (OC)
I
SS vs. Temperature
Temperature (OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com