Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 2 Page - uPI Group Inc.

  UP9303ASAC Datasheet HTML 1Page - uPI Group Inc. UP9303ASAC Datasheet HTML 2Page - uPI Group Inc. UP9303ASAC Datasheet HTML 3Page - uPI Group Inc. UP9303ASAC Datasheet HTML 4Page - uPI Group Inc. UP9303ASAC Datasheet HTML 5Page - uPI Group Inc. UP9303ASAC Datasheet HTML 6Page - uPI Group Inc. UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
uP9303
2
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
Typical Application Circuit
12V
VCC
FSET/SYN
PVCC
LGATE
PGND
SS
COMP
BOOT
UGATE
PHASE
FB
CLK
GND
VOUT1
12V
VCC
FSET/SYN
PVCC
LGATE
PGND
OCSET
SS
COMP
BOOT
UGATE
PHASE
FB
EN/(CLK)
GND
VIN
VOUT2
R1
R2
Master
Slave
OCSET
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com