Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 5 Page - uPI Group Inc.

  UP9303ASAC Datasheet HTML 1Page - uPI Group Inc. UP9303ASAC Datasheet HTML 2Page - uPI Group Inc. UP9303ASAC Datasheet HTML 3Page - uPI Group Inc. UP9303ASAC Datasheet HTML 4Page - uPI Group Inc. UP9303ASAC Datasheet HTML 5Page - uPI Group Inc. UP9303ASAC Datasheet HTML 6Page - uPI Group Inc. UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
uP9303
5
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
The uP9303 is a compact synchronous-rectified buck
controller specifically designed to operate with single 12V
supply voltage and to deliver high quality output voltage. It
adopts external compensated, voltage mode control to
tightly regulate the feedback votlage to internal 0.6V
reference voltage. The switching frequency is programmable
from 50kHz to 500kHz, providing an optimal level of
integration to reduce size and cost of the power supply.
The uP9303 integrates MOSFET drivers that support
12V+12V bootstrapped voltage for high efficiency power
conversion.
The uP9303B features clock output that enables
synchronized operation of two buck converters, reducing
stress at input capacitors and EMI interference between
converters.
Other features include under voltage lockout (UVLO), under-
voltage protection, over-voltage protection and user
programmable
over-current
protection.
With
aforementioned functions, this part provides customers a
compact, high efficiency, well-protected and cost-effective
solutions. This part is available in SOP-14 package.
Supply Voltage
The uP9303 features two supply input pins: VCC and PVCC
for control circuit and gate drivers respectively. In real
application, connect VCC and PVCC to a well-decoupled
10.8V to 13.2V supply voltage as shown in the Typical
Application Circuit. A minimum 1uF ceramic capacitor
physically near the supply input pins are required for locally
bypassing the supply voltages.
An internal linear regulator regulates VCC supply voltage
into a 5.0V voltage 5VDD for internal control logic circuit.
No external bypass capacitor is required for filtering the
5VDD voltage.
The uP9303 integrates MOSFET gate drives that are
powered from the PVCC pin and support 12V+12V driving
capability. Converters that consist of uP9303 feature high
efficiency without special consideration on the selection
of MOSFETs.
Power On Reset and Chip Enable
The uP9303 continuously monitors 1.) VCC pin voltage,
2.) EN pin voltage, 3.) OCSET pin voltage and 4.) FSET/
SYN pin voltage for power on reset. The uP9303 is enabled
only when all the POR is released. The POR threshold
voltage are 9.5V, 1.3V, 1.3V and 0.4V at VCC, EN, OCSET,
and FSET/SYN rising respectively. Before POR is released,
the uP9303 is disabled, SS pin is pulled low to ground and
both gate drivers are turned off.
Because the PVCC voltage is not monitored by POR
circuitry, it must be connected to VCC pin externally to
ensure PVCC is ready when POR is released.
Soft Start
A capacitor C
SS connected to SS pin controls the soft start
behavior of output voltage as shown in Figure 1.
Before POR is released, the SS pin is internally pulled
low to ground. When POR is released, an internal 30uA
current source starts to charge C
SS, resulting in a linearly
ramping-up voltage V
SS:
T
C
uA
30
V
SS
SS
×
=
VFB
VSS
VOUT
Time
Voltage
4.2V
1.8V
0.6V
T0
T1
T2
Figure 1. Softstart Behavior.
The error amplifier is a three-input device (referring to the
Functional Block Diagram). Reference voltage V
REF or the
soft start voltage V
SSE whichever is smaller dominates
the behavior of the non-inverting input of the error amplifier.
The SSE voltage is clamped as:
4
V
8
.
1
C
/
T
uA
30
4
V
8
.
1
V
V
SS
SS
SSE
×
=
=
Consequently, when V
SS is lower than 1.8V, the feedback
voltage V
FB is kept at zero. When VSS is between 1.8V
and 4.2V, the feedback voltage V
FB ramps up linearly from
0V to 0.6V. When V
SS is higher than 4.2V, the internal
0.6V reference takes over the control of error amplifier
and the feedback voltage is regulated to V
REF. At the same
time, the uP9303 asserts soft start end and enables the
under voltage protection.
The output voltage ramp-up time can be calculated as:
uA
30
C
V
4
.
2
I
C
)
V
8
.
1
V
2
.
4
(
1
T
2
T
T
SS
SS
SS
SS
×
=
×
=
=
Switching Frequency Setting
The uP9303 features adjustable switching frequency by a
resistor connected to the FSET/SYN pin. When the FSET/
SYN pin is floating, the uP9303 operates at a free-running
Functional Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com