Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 10 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 10 Page - uPI Group Inc.

Back Button UP9303ASAC Datasheet HTML 6Page - uPI Group Inc. UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. UP9303ASAC Datasheet HTML 10Page - uPI Group Inc. UP9303ASAC Datasheet HTML 11Page - uPI Group Inc. UP9303ASAC Datasheet HTML 12Page - uPI Group Inc. UP9303ASAC Datasheet HTML 13Page - uPI Group Inc. UP9303ASAC Datasheet HTML 14Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
uP9303
10
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
t
u
p
t
u
O
k
c
o
l
C
e
g
a
t
l
o
V
l
e
v
e
L
h
g
i
H
t
u
p
t
u
OI
K
L
C
g
n
i
c
r
u
o
s
A
m
1
=5
.
4-
--
-V
e
g
a
t
l
o
V
l
e
v
e
L
h
g
i
H
t
u
p
t
u
OI
K
L
C
g
n
i
k
n
i
s
A
m
1
=-
--
-4
.
0V
o
i
t
a
R
y
t
u
D
k
c
o
l
Cn
e
p
o
=
N
Y
S
/
T
E
S
F-
-0
5-
-%
s
r
e
v
i
r
D
e
t
a
G
r
e
l
l
o
r
t
n
o
C
M
W
P
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
e
t
a
G
r
e
p
p
UI
C
R
S
_
G
U
V
T
O
O
B
V
,
V
2
1
=
E
T
A
G
U
V
-
E
S
A
H
P
V
2
=-
-5
.
2-
-
Α
e
c
n
a
t
s
i
s
e
R
g
n
i
c
r
u
o
S
e
t
a
G
r
e
p
p
UR
C
R
S
_
G
U
I
G
U
g
n
i
c
r
u
o
s
A
m
0
0
1
=-
-4
5
e
c
n
a
t
s
i
s
e
R
g
n
i
k
n
i
S
e
t
a
G
r
e
p
p
UR
K
N
S
_
G
U
I
G
U
g
n
i
k
n
i
s
A
m
0
0
1
=-
-2
3
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
e
t
a
G
r
e
w
o
LI
C
R
S
_
G
L
V
C
C
V
P
V
,
V
2
1
=
E
T
A
G
L
V
2
=-
-5
.
6-
-A
e
c
n
a
t
s
i
s
e
R
g
n
i
c
r
u
o
S
e
t
a
G
r
e
w
o
LR
C
R
S
_
G
L
I
G
L
g
n
i
c
r
u
o
s
A
m
0
0
1
=-
-5
.
15
.
2
e
c
n
a
t
s
i
s
e
R
g
n
i
k
n
i
S
e
t
a
G
r
e
w
o
LR
K
N
S
_
G
L
I
G
L
g
n
i
k
n
i
s
A
m
0
0
1
=-
-1
2
y
a
l
e
D
g
n
i
s
i
R
G
L
o
t
g
n
il
l
a
F
H
PV
H
P
V
o
t
V
2
.
1
<
G
L
V
2
.
1
>-
-5
2-
-s
n
y
a
l
e
D
g
n
i
s
i
R
G
U
o
t
g
n
il
l
a
F
G
LV
G
L
V
(
o
t
V
2
.
1
<
G
U
V
-
H
P
V
2
.
1
>
)-
-5
2-
-s
n
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
C
e
g
r
a
h
C
t
r
a
t
S
-
t
f
o
SI
S
S
V
S
S
V
0
=4
20
36
3A
u
l
e
v
e
L
d
l
o
h
s
e
r
h
T
P
V
OV
P
V
O
V
B
F
.
g
n
i
s
i
r-
-8
7
.
0-
-V
e
m
i
T
y
a
l
e
D
P
V
O
-
-5
2-
-s
u
l
e
v
e
L
d
l
o
h
s
e
r
h
T
P
V
UV
P
V
U
V
B
F
g
n
il
l
a
f-
-3
.
0-
-V
e
m
i
T
y
a
l
e
D
P
V
U
-
-2
-
-s
u
e
c
r
u
o
S
t
n
e
r
r
u
C
k
n
i
S
T
E
S
C
OI
T
E
S
C
O
V
T
E
S
C
O
V
=
C
C
.
V
3
.
0
-0
8
10
0
20
2
2A
u
e
m
i
T
y
a
l
e
D
P
C
O
-
-5
-
-s
u
Electrical Characteristics
Note 1. Stresses listed as the above “ Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. θ
JA is measured in the natural convection at TA = 25
ΟC on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com