Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 1 Page - uPI Group Inc.

  UP9303ASAC Datasheet HTML 1Page - uPI Group Inc. UP9303ASAC Datasheet HTML 2Page - uPI Group Inc. UP9303ASAC Datasheet HTML 3Page - uPI Group Inc. UP9303ASAC Datasheet HTML 4Page - uPI Group Inc. UP9303ASAC Datasheet HTML 5Page - uPI Group Inc. UP9303ASAC Datasheet HTML 6Page - uPI Group Inc. UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
uP9303
1
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
5V/12V Synchronous-Rectified Buck Controller
The uP9303 is a compact synchronous-rectified buck
controller specifically designed to operate with single 12V
supply voltage and to deliver high quality output voltage. It
adopts external compensated, voltage mode control to
tightly regulate the feedback votlage to internal 0.6V
reference voltage. The switching frequency is programmable
from 50kHz to 500kHz, providing an optimal level of
integration to reduce size and cost of the power supply.
The uP9303 integrates MOSFET drivers that support
12V+12V bootstrapped voltage for high efficiency power
conversion.
The uP9303B features clock output that enables
synchronized operation of two buck converters, reducing
stress at input capacitors and EMI interference between
converters.
Other features include under voltage lockout (UVLO), under-
voltage protection, over-voltage protection and user
programmable
over-current
protection.
With
aforementioned functions, this part provides customers a
compact, high efficiency, well-protected and cost-effective
solutions. This part is available in SOP-14L package.
Operate with Single 12V Supply Voltage
0.6V V
REF with 1.0% Accuracy
Up to 30A High Output Current
Lossless, Programmable Overcurrent Protection
Uses Upper MOSFET R
DS(ON)
Adjustable Soft Start
Support Synchronized Operation
Clock Output (uP9303B)
Simple Voltage-Mode PWM Control Design
Adjustable Switching Frequency
External Compensation
Fast Transient Response
Minimum off time 300ns
Adaptive Shoot-Through Protection
Over/Under Voltage Protection
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
C
A
S
A
3
0
3
9
P
uL
4
1
-
P
O
SA
3
0
3
9
P
u
C
A
S
B
3
0
3
9
P
uL
4
1
-
P
O
SB
3
0
3
9
P
u
General Description
Ordering Information
Features
Cable Modems, Set Top Boxes, and xDSL
Modems
ATX Power Supplies
Power Supplies for Microprocessors or
Subsystem Power Supplies
Industrial Power Supplies; General Purpose
Supplies
5V or 12V Input DC-DC Regulators
Low Voltage Distributed Power Supplies
Applications
Pin Configuration
Note: uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirement. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.
VCC
FSET/SYN
PVCC
LGATE
PGND
OCSET
SS
COMP
1
2
3
411
12
13
14
uP9303A
BOOT
UGATE
PHASE
FB
EN
GND
5
6
78
9
10
VCC
FSET/SYN
PVCC
LGATE
PGND
OCSET
SS
COMP
uP9303B
BOOT
UGATE
PHASE
FB
CLK
GND
1
2
3
411
12
13
14
5
6
78
9
10


Similar Part No. - UP9303ASAC

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301PSU8 UPI-UP9301PSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301QSU8 UPI-UP9301QSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301RSU8 UPI-UP9301RSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301SSU8 UPI-UP9301SSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
More results

Similar Description - UP9303ASAC

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1746 UPI-UP1746 Datasheet
201Kb / 14P
5V/12V Synchronous-Rectified Buck Controller
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com