Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 4 Page - uPI Group Inc.

  UP9303ASAC Datasheet HTML 1Page - uPI Group Inc. UP9303ASAC Datasheet HTML 2Page - uPI Group Inc. UP9303ASAC Datasheet HTML 3Page - uPI Group Inc. UP9303ASAC Datasheet HTML 4Page - uPI Group Inc. UP9303ASAC Datasheet HTML 5Page - uPI Group Inc. UP9303ASAC Datasheet HTML 6Page - uPI Group Inc. UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
uP9303
4
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
Functional Block Diagram
Power On
Reset
Soft Start
Oscillator
PWM
PVCC
PVCC
PGND
LGATE
BOOT
Gate
Control
Logic
PHASE
UGATE
OCSET
VCC
EN
(uP9303A)
FB
GND
SS
COMP
FSET/SYN
0.6V
0.3V
OCP
comparator
UVP
comparator
200uA
30uA
-1.8V
x1/2
5VDD
0.78V
OVP
comparator
Error
Amp.
SSE
uP9303A
Power On
Reset
Soft Start
Oscillator
PWM
PVCC
PVCC
PGND
LGATE
BOOT
Gate
Control
Logic
PHASE
UGATE
OCSET
VCC
FB
GND
SS
COMP
CLK
(uP9303B)
FSET/SYN
0.6V
0.3V
OCP
comparator
UVP
comparator
200uA
30uA
-1.8V
x1/2
5VDD
0.78V
OVP
comparator
Error
Amp.
SSE
uP9303B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com