Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 7 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 7 Page - uPI Group Inc.

Back Button UP9303ASAC Datasheet HTML 3Page - uPI Group Inc. UP9303ASAC Datasheet HTML 4Page - uPI Group Inc. UP9303ASAC Datasheet HTML 5Page - uPI Group Inc. UP9303ASAC Datasheet HTML 6Page - uPI Group Inc. UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. UP9303ASAC Datasheet HTML 10Page - uPI Group Inc. UP9303ASAC Datasheet HTML 11Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
uP9303
7
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
An OCP will shut down the device and discharge the C
SS
with a 30uA sinking current source. When the C
SS is
discharged completely, another soft start cycle is initiated.
If the over current condition is not removed during the
soft start cycle, the uP9303 will shut down immediately
when another OCP is triggered. However, the V
SS keeps
rising to 4V to complete the soft start cycle before the
internal 30uA current source discharges the C
SS. If the over
current conditon is not removed, the re-soft-start cycle will
repeat 3 times and then latch off uP9303.
To avoid false trigger of OCP, variations of all parameters
in above equation should be well considered, including:
1.) The R
DS(ON) of MOSFET varies with temperature and
the gate to source voltage. Consider the highest operation
temperature and lowest gate to source voltage.
2.) Consider the minimum I
OCSET (~180uA) and minimum
R
OCSET.
3.) Consider the inductor ripple current.
Functional Description
2.4V
Current
Limited
Local Clock
Generator
Clock Logic
Clock Logic
Remote Clock (RC): RC Frequency > 50kHz
Local Clock (LC): 2V < VFSET < 3V for 30us
Clock Off: Otherwise
Ramp
Generator
Sampled and
Held Current
Ramp
FSET/SYN
CLK
To turn off the current
source when RC = 1
for local
clock
for remote
clock
Under Voltage Protection (UVP)
The FB voltage is monitored for undervoltage protection
after soft start end is asserted. If the FB voltage is lower
than 0.3V (50% of 0.6V reference voltage), the UVP is
triggered and shuts down the uP9303 with about 10us time
delay. The uP9303 turns off both upper and lower
MOSFETs when UVP is triggered. The UVP is a latch-off
type protection and can only be reset by POR of the device.
Over Voltage Protection (OVP)
The FB voltage is monitored for overvoltage protection.
If the FB voltage is higher than 0.78V (130% of 0.6V
reference voltage), the OVP is triggered and shuts down
the uP9303 with about 10us time delay. The uP9303 turns
off the upper and lower MOSFET when OVP is triggered.
The OVP is a latch-off type protection and can only be
reset by POR of the device.
Figure 4. Clock Logic of uP9303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com