Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP9303ASAC Datasheet HTML 2Page - uPI Group Inc. UP9303ASAC Datasheet HTML 3Page - uPI Group Inc. UP9303ASAC Datasheet HTML 4Page - uPI Group Inc. UP9303ASAC Datasheet HTML 5Page - uPI Group Inc. UP9303ASAC Datasheet HTML 6Page - uPI Group Inc. UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. UP9303ASAC Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
uP9303
6
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
200kHz switching frequency. When a resistor is connected
from FSET/SYN to ground, the uP9303 operates at a
frequency higher than 200kHz. When a resistor is
connected from FSET/SYN to VCC, the uP9303 operates
at a frequency lower than 200kHz. The Figure 2 shows the
relationship between switching frequency and the external
resistance.
R
FSET to GND :
)
k
(
)
200
F
(
9600
R
SW
FSET
=
R
FSET to VCC :
)
(
)
200
(
48000
=
k
F
R
SW
FSET
10
100
1000
10
100
1000
RFSET to GND
RFSET to VCC
RFSET(kohm)
Figure 2. Switching Frequency vs. FSET/SYN Resistance
The switching frequency can also be synchronized to
external clock from 50kHz to 500MHz applied to FSET/
SYN pin.
Figure 4 depicts the clock logic of uP9303. When a resistor
R
FSET is connected from FSET/SYN to GND, its voltage
V
FSET/SYN is clamped to 2.4V. If the VFSET/STN stays between
2.0V and 3.0V for 30us, the internal clock is selected for
operation (Local Clock Mode, LCM).
A Schmitt trigger circuit receives the V
FSET/SYN and
generates a inverse squarewave that is synchronized to
the V
FSET/SYN when a external clock or internal clock is
applied. The uP9303 works with synchronization mode if
the squarewave frequency is higher than 50kHz (Remote
Clock Mode RCM). The V
IH and VIL of the Schmitt trigger
circuit are 2/3 and 1/3 of V
CC respectively.
If the V
FSET stays below 1/3 of 5VDD or above 2/3 of 5VDD
for 30us, the uP9303 asserts clock off and turns off the
converter (Clock Off Mode COM).
The transitions from LCM to COM, COM to RCM or LCM
to RCM are allowable. However, the transitions from COM
to LCM, RCM to COM or RCM to LCM are regarded as
fatal faults and not allowed. The uP9303 shuts down and
latches off when forbidden mode transitions occur and can
only be rest by POR of V
CC.
The uP9303B outputs a clock signal at CLK pin that is
180O out of phase with the operation clock. This clock can
be used as synchronization for other uPI controller that
features FSET/SYN pin.
Output Voltage Setting
The output voltage can be programmed by a resistive
divider connected to the FB pin as shown in the Typical
Application Circuit:
1
R
2
R
1
R
V
6
.
0
V
OUT
+
×
=
Overcurrent Protection (OCP)
The uP9303 monitors the voltage drop across the upper
MOSFET for over current protection (OCP). A resistor
connected between OCSET pin and the drain of the upper
MOSFET programs the OCP threshold level as shown in
the Figrue 3. An internal 200uA current source flows through
the R
OCSET, creating a voltage VOCSET at OCSET as:
OCSET
IN
OCSET
R
uA
200
V
V
×
=
PHASE
OCSET
OCP
comparator
200uA
ROCSET
VIN
VOUT
COCSET
Figure 3. OCP Level Programming.
The OCP comparator compares the V
OCSET and VPHASE
for over current protection when the upper MOSFET turns
on. If V
PHASE is lower than VOCSET, an OCP is triggered.
The OCP threshold level is given by:
)
ON
(
DS
OCSET
)
ON
(
DS
OCSET
OCSET
OCP
R
R
uA
200
R
R
I
I
×
=
×
=
Functional Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com