Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 3 Page - uPI Group Inc.

  UP9303ASAC Datasheet HTML 1Page - uPI Group Inc. UP9303ASAC Datasheet HTML 2Page - uPI Group Inc. UP9303ASAC Datasheet HTML 3Page - uPI Group Inc. UP9303ASAC Datasheet HTML 4Page - uPI Group Inc. UP9303ASAC Datasheet HTML 5Page - uPI Group Inc. UP9303ASAC Datasheet HTML 6Page - uPI Group Inc. UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
uP9303
3
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
.
o
Ne
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
Y
S
/
T
E
S
F
.
t
u
p
n
I
n
o
i
t
a
z
i
n
o
r
h
c
n
y
S
d
n
a
g
n
i
t
t
e
S
y
c
n
e
u
q
e
r
F
t
e
s
o
t
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
k
c
o
l
c
l
a
n
r
e
t
x
e
o
t
d
e
z
i
n
o
r
h
c
n
y
s
e
b
o
s
l
a
n
a
c
y
c
n
e
u
q
e
r
f
g
n
i
h
c
t
i
w
s
e
h
T
.
y
c
n
e
u
q
e
r
f
g
n
i
h
c
t
i
w
s
e
h
t
.
p
i
h
c
e
h
t
s
e
l
b
a
s
i
d
o
s
l
a
V
4
.
0
n
a
h
t
r
e
w
o
l
n
i
p
s
i
h
t
g
n
il
l
u
P
.
n
i
p
s
i
h
t
o
t
d
e
il
p
p
a
2T
E
S
C
O
.
g
n
i
t
t
e
S
l
e
v
e
L
P
C
O
t
n
e
r
r
u
c
r
e
v
o
e
h
t
t
e
s
o
t
e
g
a
t
s
r
e
w
o
p
f
o
t
u
p
n
i
y
l
p
p
u
s
o
t
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
g
n
i
h
c
t
i
w
s
e
h
t
t
u
o
r
e
t
l
i
f
o
t
s
p
l
e
h
r
o
t
s
i
s
e
r
e
h
t
h
t
i
w
l
e
ll
a
r
a
p
n
i
r
o
t
i
c
p
a
p
a
c
A
.
l
e
v
e
l
d
l
o
h
s
e
r
h
t
n
o
i
t
c
e
t
o
r
p
.
e
s
i
o
n
3S
S
.
g
n
i
t
t
e
S
t
r
a
t
S
t
f
o
S
t
u
t
p
u
o
f
o
w
e
l
s
p
u
-
p
m
a
r
e
h
t
t
e
s
o
t
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
i
c
a
p
a
c
a
t
c
e
n
n
o
C
.
e
g
a
t
l
o
v
4P
M
O
C
.
t
u
p
t
u
O
n
o
i
t
a
s
n
e
p
m
o
C
.
r
o
t
a
r
a
p
m
o
c
M
W
P
e
h
t
f
o
t
u
p
n
i
d
n
a
r
e
i
f
il
p
m
a
r
o
r
r
e
f
o
t
u
p
t
u
o
e
h
t
s
i
n
i
p
s
i
h
T
.
p
o
o
l
l
o
r
t
n
o
c
e
g
a
t
l
o
v
e
h
t
e
t
a
s
n
e
p
m
o
c
o
t
n
i
p
B
F
o
t
k
r
o
w
t
e
n
C
R
a
t
c
e
n
n
o
C
5B
F
.
t
u
p
n
I
k
c
a
b
d
e
e
F
e
g
a
t
l
o
V
t
u
p
t
u
O
a
t
c
e
n
n
o
C
.
r
e
i
f
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
s
i
n
i
p
s
i
h
T
.
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
t
e
s
o
t
r
e
d
i
v
i
d
e
g
a
t
l
o
v
6
N
E
.
)
y
l
n
o
A
3
0
3
9
P
u
(
e
l
b
a
n
E
p
i
h
C
.
A
3
0
3
9
P
u
e
h
t
s
e
l
b
a
s
i
d
n
i
p
s
i
h
t
f
o
w
o
l
c
i
g
o
L
K
L
C
.
)
y
l
n
o
B
3
0
3
9
P
u
(
t
u
p
t
u
O
k
c
o
l
C
0
8
1
s
i
t
a
h
t
k
c
o
l
c
a
t
u
p
t
u
o
n
i
p
s
i
h
T
o
e
h
t
h
t
i
w
e
s
a
h
p
f
o
t
u
p
t
u
o
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
c
n
e
h
w
e
d
o
m
n
i
e
t
a
r
e
p
o
n
a
c
B
3
0
3
9
P
u
e
h
T
.
k
c
o
l
c
g
n
i
h
c
t
i
w
s
l
a
n
r
e
t
n
i
e
d
o
m
e
v
a
l
s
n
i
s
e
t
a
r
e
p
o
t
a
h
t
3
0
3
9
P
u
r
e
h
t
o
n
a
f
o
n
i
p
N
Y
S
/
T
E
S
F
7D
N
G
.
d
n
u
o
r
G
g
o
l
a
n
A
8E
S
A
H
P
.
e
d
o
N
h
c
t
i
w
S
E
S
A
H
P
e
h
t
f
o
n
i
a
r
d
e
h
t
d
n
a
T
E
F
S
O
M
r
e
p
p
u
e
h
t
f
o
e
c
r
u
o
s
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
e
v
i
t
p
a
d
a
e
h
t
y
b
d
e
r
o
t
i
n
o
m
s
i
d
n
a
e
v
i
r
d
G
U
e
h
t
r
o
f
k
n
i
s
e
h
t
s
a
d
e
s
u
s
i
n
i
p
s
i
h
T
.
T
E
F
S
O
M
r
e
w
o
l
.
f
f
o
d
e
n
r
u
t
s
a
h
T
E
F
S
O
M
r
e
p
p
u
e
h
t
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
y
r
t
i
u
c
r
i
c
n
o
i
t
c
e
t
o
r
p
h
g
u
o
r
h
t
-
t
o
o
h
s
9E
T
A
G
U
.
t
u
p
t
u
O
r
e
v
i
r
D
e
t
a
G
r
e
p
p
U
d
e
r
o
t
i
n
o
m
s
i
n
i
p
s
i
h
T
.
T
E
F
S
O
M
r
e
p
p
u
f
o
e
t
a
g
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
s
a
h
T
E
F
S
O
M
r
e
p
p
u
e
h
t
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
y
r
t
i
u
c
r
i
c
n
o
i
t
c
e
t
o
r
p
h
g
u
o
r
h
t
-
t
o
o
h
s
e
v
i
t
p
a
d
a
e
h
t
y
b
.
f
f
o
d
e
n
r
u
t
0
1T
O
O
B
y
l
p
p
u
S
p
a
r
t
s
t
o
o
B
C
r
o
t
i
c
a
p
a
c
p
a
r
t
s
t
o
o
b
e
h
t
t
c
e
n
n
o
C
.
r
e
v
i
r
d
e
t
a
g
r
e
p
p
u
e
h
t
r
o
f
T
O
O
B
n
e
e
w
t
e
b
o
t
e
g
r
a
h
c
e
h
t
s
e
d
i
v
o
r
p
r
o
t
i
c
a
p
a
c
p
a
r
t
s
t
o
o
b
e
h
T
.
t
i
u
c
r
i
c
p
a
r
t
s
t
o
o
b
a
m
r
o
f
o
t
s
n
i
p
H
P
d
n
a
T
O
O
B
.
T
E
F
S
O
M
r
e
p
p
u
e
h
t
n
o
n
r
u
t
1
1D
N
G
P
.
C
I
e
h
t
r
o
f
d
n
u
o
r
G
r
e
w
o
P
e
c
r
u
o
s
e
h
t
n
i
p
s
i
h
t
e
i
T
.
r
e
v
i
r
d
e
t
a
g
r
e
w
o
l
e
h
t
f
o
n
r
u
t
e
r
e
h
t
s
i
n
i
p
s
i
h
T
.
e
c
a
r
t
t
r
o
h
s
d
n
a
e
d
i
w
h
t
i
w
T
E
F
S
O
M
r
e
w
o
l
f
o
2
1G
L
.
t
u
p
t
u
O
r
e
v
i
r
D
e
t
a
G
r
e
w
o
L
d
e
r
o
t
i
n
o
m
s
i
n
i
p
s
i
h
T
.
T
E
F
S
O
M
r
e
w
o
l
f
o
e
t
a
g
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
n
r
u
t
s
a
h
T
E
F
S
O
M
r
e
w
o
l
e
h
t
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
y
r
t
i
u
c
r
i
c
n
o
i
t
c
e
t
o
r
p
h
g
u
o
r
h
t
-
t
o
o
h
s
e
v
i
t
p
a
d
a
e
h
t
y
b
.
f
f
o
3
1C
C
V
P
.
s
r
e
v
i
r
D
e
t
a
G
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S
e
l
p
u
o
c
e
D
.
s
r
e
v
i
r
d
e
t
a
g
e
h
t
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
s
e
d
i
v
o
r
p
n
i
p
s
i
h
T
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
R
S
E
w
o
l
a
h
t
i
w
n
i
p
s
i
h
t
4
1C
C
V
.
t
i
u
c
r
i
C
l
o
r
t
n
o
C
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S
l
o
r
t
n
o
c
l
a
n
r
e
t
n
i
e
h
t
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
s
s
e
d
i
v
o
r
p
n
i
p
s
i
h
T
a
t
c
e
n
n
o
C
.
t
i
u
c
r
i
c
l
o
r
t
n
o
c
l
a
n
r
e
t
n
i
r
o
f
D
D
V
5
o
t
d
e
t
a
l
u
g
e
r
y
ll
a
n
r
e
t
n
i
s
i
e
g
a
t
l
o
v
y
l
p
p
u
s
e
h
T
.
t
i
u
c
r
i
c
s
i
r
o
t
i
c
a
p
a
c
g
n
il
p
u
o
c
e
d
a
t
a
h
t
e
r
u
s
n
E
.
n
i
p
s
i
h
t
o
t
e
g
a
t
l
o
v
y
l
p
p
u
s
V
2
.
3
1
o
t
V
8
.
0
1
d
e
l
p
u
o
c
e
d
-
ll
e
w
.
C
I
e
h
t
r
a
e
n
d
e
c
a
l
p
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com