Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9303ASAC Datasheet(PDF) 9 Page - uPI Group Inc.

Part # UP9303ASAC
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9303ASAC Datasheet(HTML) 9 Page - uPI Group Inc.

Back Button UP9303ASAC Datasheet HTML 5Page - uPI Group Inc. UP9303ASAC Datasheet HTML 6Page - uPI Group Inc. UP9303ASAC Datasheet HTML 7Page - uPI Group Inc. UP9303ASAC Datasheet HTML 8Page - uPI Group Inc. UP9303ASAC Datasheet HTML 9Page - uPI Group Inc. UP9303ASAC Datasheet HTML 10Page - uPI Group Inc. UP9303ASAC Datasheet HTML 11Page - uPI Group Inc. UP9303ASAC Datasheet HTML 12Page - uPI Group Inc. UP9303ASAC Datasheet HTML 13Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
uP9303
9
uP9303-DS-F0101, Aug. 2017
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
t
u
p
n
I
y
l
p
p
u
S
e
g
n
a
R
e
g
a
tl
o
V
y
l
p
p
u
SV
C
C
8
.
0
1-
-2
.
3
1V
t
n
e
r
r
u
C
t
u
p
n
I
y
l
p
p
u
SI
Q
_
C
C
g
n
i
h
c
t
i
w
S
;
n
e
p
O
G
L
,
G
U-
-5
0
1A
m
t
e
s
e
R
n
O
r
e
w
o
P
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
R
O
P
C
C
VV
H
T
R
C
C
V
C
C
g
n
i
s
i
r0
.
95
.
90
.
0
1V
d
l
o
h
s
e
r
h
T
g
n
il
l
a
F
R
O
P
C
C
VV
H
T
F
C
C
V
C
C
)
r
e
t
s
a
m
(
g
n
il
l
a
f5
.
675
.
7V
V
C
C
)
e
v
a
l
s
(
g
n
il
l
a
f5
.
70
.
85
.
8V
d
l
o
h
s
e
r
h
T
R
O
P
T
E
S
C
OV
T
E
S
C
O
g
n
i
s
i
r-
-3
.
1-
-V
s
i
s
e
r
e
t
s
y
H
R
O
P
T
E
S
C
OV
T
E
S
C
O
g
n
il
l
a
f-
-1
.
0-
-V
d
l
o
h
s
e
r
h
T
R
O
P
N
EV
N
E
g
n
i
s
i
r-
-3
.
1-
-V
s
i
s
e
r
e
t
s
y
H
R
O
P
N
EV
N
E
g
n
il
l
a
f-
-1
.
0-
-V
r
o
t
a
l
l
i
c
s
O
y
c
n
e
u
q
e
r
F
g
n
i
n
n
u
R
e
e
r
Ff
C
S
O
.
n
e
p
o
=
T
E
S
F-
-0
0
2-
-z
H
k
e
g
a
tl
o
V
n
i
P
N
Y
S
/
T
E
S
FV
N
Y
S
/
T
E
S
F
.
n
e
p
o
=
T
E
S
F-
-4
.
2-
-V
y
c
a
r
u
c
c
A
y
c
n
e
u
q
e
r
F
5
1
--
-5
1
+%
e
g
n
a
R
t
n
e
m
t
s
u
j
d
A
y
c
n
e
u
q
e
r
F
0
5-
-0
0
5z
H
k
e
g
n
a
R
n
o
i
t
a
z
i
n
o
r
h
c
n
y
S
y
c
n
e
n
q
e
r
F
0
5-
-0
0
5z
H
k
e
g
n
a
R
o
i
t
a
R
y
t
u
D
k
c
o
l
C
l
a
n
r
e
t
x
E
0
1-
-0
9%
e
g
a
tl
o
V
w
o
L
k
c
o
l
C
l
a
n
r
e
t
x
E
-
--
-8
.
0V
e
g
a
tl
o
V
h
g
i
H
k
c
o
l
C
l
a
n
r
e
t
x
E
2
.
4-
--
-V
e
d
u
t
il
p
m
A
p
m
a
R
V
C
S
O
-
-6
.
1-
-V
P
-
P
e
m
i
t
f
f
o
m
u
m
i
m
i
M
-
-0
0
3-
-s
n
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
4
9
5
.
00
0
6
.
06
0
6
.
0V
r
e
i
f
i
l
p
m
A
r
o
r
r
E
n
i
a
G
C
D
p
o
o
L
n
e
p
OO
An
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G0
70
8-
-B
d
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GW
B
Gn
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G-
-0
1-
-z
H
M
e
t
a
R
w
e
l
SR
Sn
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G3
6
-
-s
u
/
V
t
n
e
r
r
u
C
t
u
p
n
I
B
FV
B
F
V
6
.
0
=-
-1
0
.
01
A
u
e
g
a
tl
o
V
h
g
i
H
P
M
O
CV
H
_
P
M
O
C
-
-5
.
5-
-V
e
g
a
tl
o
V
w
o
L
P
M
O
CV
L
_
P
M
O
C
-
-0
-
-V
t
n
e
r
r
u
C
e
c
r
u
o
S
P
M
O
CV
P
M
O
C
V
=
H
_
P
M
O
C
V
6
.
1
--
-2
-
-A
m
t
n
e
r
r
u
C
k
n
i
S
P
M
O
CV
P
M
O
C
V
6
.
1
=-
-2
-
-A
m
(V
CC = 12V, TA = 25
OC, unless otherwise specified)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com